Electronic Components Datasheet Search
  English  ▼

X  

GS401SD Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GS401SD
Description  S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GS401SD Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GS401SD Datasheet HTML 1Page - E-Tech Electronics LTD GS401SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CORPORATION
GS401SD
Page: 1/2
ISSUED DATE :2005/12/20
REVISED DATE :2006/05/24B
G
G S
S 440011S
S D
D
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S C
C H
H O
O T
T T
T K
K Y
Y B
B A
A R
R R
R II E
E R
R D
D II O
O D
D E
E
V
V O
O L
L T
T A
A G
G E
E 33 00 V
V ,, C
C U
U R
R R
R E
E N
N T
T 00 .. 22 A
A
Description
The GS401SD is high frequency rectification for switching power supply.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at TA = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
:
Storage Temperature
Tstg
-55 ~ +125
:
Maximum Recurrent Peak Reverse Voltage
VRRM
30
V
Maximum RMS Voltage
VRMS
21
V
Maximum DC Blocking Voltage
VDC
30
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
3.0
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
40
pF
Maximum Average Forward Rectified Current
Io
0.2
A
Total Power Dissipation
PD
225
mW
Electrical Characteristics (at TA = 25 : unless otherwise noted)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Reverse Breakdown Voltage
V(BR)R
30
-
-
V
IR=100 A
Maximum Instantaneous Forward Voltage
VF
-
-
500
mV
IF=200mA
-
-
50
A
VR1=10V
Maximum Average Reverse Current
IR
-
-
100
A
VR2=30V
Notes: 1. Measured at 1.0 MHz and 0 reverse bias voltage.
2. ESD sensitive product handling required.


Similar Part No. - GS401SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS401SD GTM-GS401SD Datasheet
163Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GS401SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD103SD ETL-GD103SD Datasheet
197Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
GDBAS40 ETL-GDBAS40 Datasheet
171Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAS70 ETL-GDBAS70 Datasheet
133Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GDBAT54 ETL-GDBAT54 Datasheet
281Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 3 5 0mA
GS400SD ETL-GS400SD Datasheet
153Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 5 A
GS420SD ETL-GS420SD Datasheet
169Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GS421SD ETL-GS421SD Datasheet
155Kb / 2P
S U R F A C E M O U N T, S C H O T T K Y B A R R I E R D I O D E V O L T A G E 4 0 V, C U R R E N T 0 . 1 A
GSBAS40 ETL-GSBAS40 Datasheet
214Kb / 2P
S U R FA C E MO U N T, S C HO T T K Y B A R R I E R D I O D E V O LTAG E 4 0 V, C U R R E N T 0 . 2 A
GSBAT54-A-C-S ETL-GSBAT54-A-C-S Datasheet
343Kb / 2P
S U R FA C E MO U N T, S C H O T T K Y B A R R I E R D I O D E V O LTAG E 3 0 V, C U R R E N T 2 0 0mA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com