Electronic Components Datasheet Search
  English  ▼

X  

GS705SD Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GS705SD
Description  The GS705SD is designed for general purpose detection and high speed switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GS705SD Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GS705SD Datasheet HTML 1Page - E-Tech Electronics LTD GS705SD Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/09/13
REVISED DATE :
G
G S
S 770055S
S D
D
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S C
C H
H O
O T
T T
T K
K Y
Y B
B A
A R
R R
R II E
E R
R D
D II O
O D
D E
E
V O L T A G E 4 0 V, C U R R E N T 0 . 0 3 A
Description
The GS705SD is designed for general purpose detection and high speed switching.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
:
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+125
Storage Temperature
Tstg
-40 ~ +125
Maximum Peak Repetitive Reverse Voltage
VRRM
40
V
Maximum RMS Voltage
VRMS
28
V
Maximum DC Blocking Voltage
VDC
40
V
Peak Forward Surge Current at 8.3mSec single half sine-wave
IFSM
0.2
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
2.0
pF
Maximum Average Forward Rectified Current
Io
0.03
A
Total Power Dissipation
PD
225
mW
Characteristics at Ta = 25 ::::
Characteristics
Symbol
Typ.
Unit
Test Condition
Maximum Instantaneous Forward Voltage
VF
0.37
V
IF = 1mA
Maximum Average Reverse Current
IR
1.0
uA
VR = 10V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 1.0 volt.
2. ESD sensitive product handling required.


Similar Part No. - GS705SD

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GS705SD GTM-GS705SD Datasheet
174Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - GS705SD

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G2N4403 ETL-G2N4403 Datasheet
113Kb / 2P
The G2N4403 is designed for general purpose switching and amplifier applications.
G705SD ETL-G705SD Datasheet
250Kb / 2P
The G705SD is designed for general purpose detection and high speed switching
G706SD ETL-G706SD Datasheet
244Kb / 2P
The G706SD is designed for general purpose detection and high speed switching
GD751SD ETL-GD751SD Datasheet
138Kb / 2P
The GD751SD is designed for high speed switching for detection and high reliability.
GPN2222A ETL-GPN2222A Datasheet
140Kb / 3P
The GPN2222A is designed for general purpose amplifier and high speed, medium-power switching applications.
GPN2907A ETL-GPN2907A Datasheet
230Kb / 2P
The GPN2907A is designed for general purpose amplifier and high speed, medium-power switching applications
GS706SD ETL-GS706SD Datasheet
174Kb / 2P
The GS706SD is designed for general purpose detection and high speed switching.
GS717SD ETL-GS717SD Datasheet
180Kb / 2P
The GS717SD is designed for general purpose detection and high speed switching
GSA1625 ETL-GSA1625 Datasheet
416Kb / 2P
The GSA1625 is designed for general purpose amplifier and high speed switching applications.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com