Electronic Components Datasheet Search
  English  ▼

X  

R2693 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R2693
Description  PHOTOMULTlPLlER TUBES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R2693 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R2693 Datasheet HTML 1Page - Hamamatsu Corporation R2693 Datasheet HTML 2Page - Hamamatsu Corporation R2693 Datasheet HTML 3Page - Hamamatsu Corporation R2693 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1250
250
0.1
–80 to +50
Vdc
Vdc
mA
Average Anode Current
A
Unit
Ambient Temperature
CHARACTERISTlCS (at 25
)
NOTES
Parameter
Min.
Typ.
Typ.
Max.
R2693
for General Purpose
R2693P
for Photon Counting
Cathode
Sensitivity
Anode Dark Current
E
(After 30min. storage in darkness)
Anode Dark Counts
E
Anode
Sensitivity
0.5
5.0
Anode Current
K
Stability
A:
B:
C:
D:
E:
F:
Averaged over any interval of 30 seconds maximum.
The light source is a tungsten filament lamp operated at a
distribution temperature of 2856K. Supply voltage is 100 volts
between the cathode and all other electrodes connected together
as anode.
The value is cathode output current when a blue filter(Corning
CS-5-58 polished to 1/2 stock thickness) is interposed
between the light source and the tube under the same condition
as Note B.
Measured with the same light source as Note B and with the
voltage distribution ratio shown in Table 1 below.
Measured with the same supply voltage and voltage distribution
ratio as Note D after removal of light.
ENI is an indication of the photon-limited signal-to-noise ratio. It
refers to the amount of light in watts to produce a signal-to-noise
ratio of unity in the output of a photomultiplier tube.
where
q = Electronic charge (1.60
10-19 coulomb).
ldb = Anode dark current(after 30 minutes storage)
in amperes.
G = Gain.
f = Bandwidth of the system in hertz. 1 hertz is used.
S = Anode radiant sensitivity in amperes per watt at the
wavelength of peak response.
G:
H:
J:
K:
The rise time is the time for the output pulse to rise from 10%
to 90% of the peak amplitude when the entire photocathode is
illuminated by a delta function light pulse.
The electron transit time is the interval between the arrival of
delta function light pulse at the entrance window of the tube and
the time when the anode output reaches the peak amplitube. In
measurement, the whole photocathode is illuminated.
Also called transit time jitter. This is the fluctuation in electron
transit time between individual pulses in the single photoelectron
mode, and may be defined as the FWHM of the frequency
distribution of electron transit times.
Hysteresis is temporary instability in anode current after light and
voltage are applied.
ENI =
S
2q.ldb.G.
f
Current Hysteresis
Voltage Hysteresis
0.5
1.0
Radiant at 375nm (Peak)
62
Blue
C
7.0
Anode Pulse Rise Time
G
1.2
Electron Transit Time
H
18
Transit Time Spread (FWHM)
J
1.0
Time Response
D
Quantum Efficiency at 375nm
30
50
20.5
Gain
D
ENI(Equivalent Noise Input)
F
Unit
PHOTOMULTlPLlER TUBES R2693, R2693P
Luminous
B
Radiant at 375nm
3.7
105
Luminous
D
300
100
8.6
10-17
Min.
Max.
0.1
2.0
nA
0.5
1.0
%
%
62
mA/W
7.0
A/lm-b
1.2
18
1.0
ns
ns
ns
30
50
A/lm
20.5
%
3.7
105
A/W
300
A/lm
100
6
106
6
106
15
50
cps
3.9
10-17
W
(1)Current Hysteresis
The tube is operated at 750 volts with an anode current of 1 micro-
ampere for 5 minutes. The light is then removed from the tube for a
minute. The tube is then re-illuminated by the previous light level
for a minute to measure the variation.
(2)Voltage Hysteresis
The tube is operated at 300 volts with an anode current of 0.1 micro
-ampere for 5 minutes. The light is then removed from the tube and
the supply voltage is quickly increased to 800 volts. After a minute,
the supply voltage is then reduced to the previous value and the
tube is re-illuminated for a minute to measure the variation.
Electrodes
R2693
K Dy1 Dy2 Dy3
Dy9
P
Ratio
1
1
1
••••
••••••••
11
SuppIy Voltage : 1000Vdc, K : Cathode,Dy : Dynode, P : Anode
Electrodes
R2693P
K Dy1 Dy2 Dy3
Dy9
P
Ratio
2.5 1.5
1
••••
••••••••
11
Table 1:Voltage Distribution Ratio
Hysteresis =
100(%)
lmax.
li
lmin.
TPMSB0002EA
TIME
max.
l
min.
l
i
l
0
5
6
7 (minutes)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com