Electronic Components Datasheet Search
  English  ▼

X  

GSA684 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSA684
Description  The GSA684 is designed for power amplifier and driver
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSA684 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSA684 Datasheet HTML 1Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
!
!
1/1
ISSUED DATE :2003/10/24
REVISED DATE :2004/11/29B
e 1
b
e
S E A T IN G
P L A N E
b 1
D
C
S 1
E
TO-92
G
G S
S A
A668844
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A LL P
P LL A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSA684 is designed for power amplifier and driver.
Features
*Low collector to emitter saturation voltage VCE(sat).
*Complementary pair with GSC1384
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.45
4.7
D
4.44
4.7
S1
1.02
-
E
3.30
3.81
b
0.36
0.51
L
12.70
-
b1
0.36
0.76
e1
1.150
1.390
C
0.36
0.51
e
2.42
2.66
Absolute Maximum Ratings (Ta = 25 : ,unless otherwise specified)
Parameter
Ratings
Unit
Collector to Base Voltage
VCBO
-60
V
Collector to Emitter Voltage
VCEO
-50
V
Emitter to Base Voltage
VEBO
-5
V
Collect Current(DC)
IC
-1
A
Collect Current*(Pulse)
ICP
-1.5
A
Junction Temperature
Tj
+150
Storage Temperature Range
TsTG
-55 ~ +150
Total Power Dissipation
PD
1
W
ELECTRICAL Characteristics (Ta = 25 : ,unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
VCBO
-60
-
-
V
IC=-10uA,IE=0
VCEO
-50
-
-
V
IC=-2mA,IB=0
VEBO
-5
-
-
V
IE=-10uA,IC=0
ICBO
-
-
-0.1
uA
VCB=-20V,IE=0
VCE(sat)
-
-200
-400
mV
lC=-0.5A,IB=-50mA(note)
VBE(sat)
-
-0.85
-1.2
V
IC=-0.5A, IB=-50mA(note)
*hFE1
85
160
340
VCE=-10V,IC=-500mA(note)
*hFE2
50
100
-
VCE=-5V,IC=-1A(note)
fT
-
200
-
MHz
VCE=-10V,IB=-50mA,f=200MHz
Cob
-
11
20
pF
VCB=-10V,IE=0,f=1MHz
Note: Pulse measurement
Classification Of hFE1
Rank
Q
R
S
Range
85-170
120-240
170-340
Important Notice:
All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of GTM.
GTM reserves the right to make changes to its products without notice.
GTM semiconductor products are not warranted to be suitable for use in life-support Applications, or systems.
GTM assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
Head Office And Factory:
Taiwan: No. 17-1 Tatung Rd. Fu Kou Hsin-Chu Industrial Park, Hsin-Chu, Taiwan, R. O. C.
TEL : 886-3-597-7061 FAX : 886-3-597-9220, 597-0785
China: (201203) No.255, Jang-Jiang Tsai-Lueng RD. , Pu-Dung-Hsin District, Shang-Hai City, China
TEL : 86-21-5895-7671 ~ 4 FAX : 86-21-38950165


Similar Part No. - GSA684

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSA684 GTM-GSA684 Datasheet
144Kb / 1P
PNP EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GSA684

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G2N3904 ETL-G2N3904 Datasheet
131Kb / 2P
The G2N3904 is designed for general purpose switching and amplifier applications.
G2N3906 ETL-G2N3906 Datasheet
206Kb / 1P
The G2N3906 is designed for general purpose switching and amplifier applications
G2N4401 ETL-G2N4401 Datasheet
132Kb / 2P
The G2N4401 is designed for general purpose switching and amplifier applications.
G2N5551 ETL-G2N5551 Datasheet
154Kb / 3P
The G2N5551 is designed for general purpose switching and amplifier applications.
G6718 ETL-G6718 Datasheet
162Kb / 2P
The G6718 is designed for general purpose medium power amplifier and switching applications
GBC807 ETL-GBC807 Datasheet
219Kb / 2P
The GBC807 is designed for switching and AF amplifier application, suitable for driver storages and low power output storages
GBC817 ETL-GBC817 Datasheet
211Kb / 2P
The GBC817 is designed for switching and AF amplifier application, suitable for driver storages and low power output storages.
GMBTA13 ETL-GMBTA13 Datasheet
238Kb / 2P
The GMBTA13 is designed for Darlington Amplifier Transistor
GMBTA14 ETL-GMBTA14 Datasheet
197Kb / 2P
The GMBTA14 is designed for Darlington Amplifier Transistor
GSB649A ETL-GSB649A Datasheet
549Kb / 3P
The GSB649A is designed for frequency power amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com