Electronic Components Datasheet Search
  English  ▼

X  

FN9260 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FN9260
Description  General-purpose power entry module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FN9260 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FN9260 Datasheet HTML 1Page - List of Unclassifed Manufacturers FN9260 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
78
Filter selection table
Choose the family FN xxx with the required body style and features, and add -?? to
determine current rating, and /?? for output connections. Example: FN 9260-1/06 is a
horizontal screw-mounting filter for twin fuses, rated for 1A, with fast-on outputs.
All standard types
FN 9260B types (medical)
-1
-1
-1
-1
-2
-2
-2
-2
-6
-6
-6
-6
-10
-10
-10
-10
-4
-4
-4
-4
5.3
2.7
1
0.3
0.2
Current ratings
A at 40˚C (25˚)
1 (1.2)
2 (2.3)
4 (4.6)
6 (6.9)
10 (11.5)
Inductance L
mH
FN 261 -?? /??
FN 261S -?? /??
FN 9260 -?? /??
FN 9260S -?? /??
Family
/06
/06
/06
/06
Output connection
-
-
-
-
Housing
Weight
g
100
2.2
100
-
Capacitance
Cx
Cy
nF
nF
2000
1700
2500
1700
Filter type
1
1
Res.
R
M
Ω
50
50
190
2
Maximum
leakage
µA/phase
250 50/60
250 50/60
Maximum
operating volt.
VAC
Hz
Hipot test voltage
PN E
P N
VAC
VDC
Operating
frequency
Hz
DC to 400
DC to 400
MTBF at 40˚C, 230V, per Mil-HB-217F: 2,200,000 hours
Additional specifications
Approvals
1
1
2
2
For fuse(s)
Nbr.
See tables for component values
Electrical schematics
N
2xL
Cx
R
FN 261
2xCy
E
P
N'
E'
P'
N
2xL
Cx
R
FN 9260 (B-types without Cy capacitors)
2xCy
E
P
N'
E'
P'
EN 133200
IEC 60939
FN 9260
• up to 10A current ratings
• IEC 950-compliant
• for one or two fuses (Ø5 x 20mm)
• optional medical version (B type)
• Nennstrom bis 10A
• IEC 950 konform
• Für eine oder zwei Sicherungen (Ø5 x 20mm)
• Für medizinische Geräte als Option (Typ B)
• courants de service pouvant atteindre 10A
• conforme à CEI 950
• pour un ou deux fusibles (Ø5 x 20mm)
• version médicale en option (type B)
General-purpose power entry module


Similar Part No. - FN9260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN9260X-1-06-Y SCHAFFNER-FN9260X-1-06-Y Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
FN9260X-10-06-Y SCHAFFNER-FN9260X-10-06-Y Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
More results

Similar Description - FN9260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260-1-06 ETC2-FN9260-1-06 Datasheet
422Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
Schurter Inc.
DG12-IP40 SCHURTER-DG12-IP40 Datasheet
444Kb / 1P
Power Entry Module
DG12-IP65 SCHURTER-DG12-IP65 Datasheet
438Kb / 1P
Power Entry Module
logo
Schaffner International...
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
FN-9264 SCHAFFNER-FN-9264 Datasheet
2Mb / 6P
General Purpose Power Entry Module with Switch
logo
STI Vibration Monitorin...
CMCP785A-IP STI-CMCP785A-IP Datasheet
538Kb / 2P
General Purpose Side Entry Accelerometer, Submersible
January 2023
CMCP786A-IP STI-CMCP786A-IP Datasheet
516Kb / 2P
General Purpose Top Entry Accelerometer, Submersible
January 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com