Electronic Components Datasheet Search
  English  ▼

X  

R4332 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R4332
Description  PHOTOMULTlPLlER TUBES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R4332 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R4332 Datasheet HTML 1Page - Hamamatsu Corporation R4332 Datasheet HTML 2Page - Hamamatsu Corporation R4332 Datasheet HTML 3Page - Hamamatsu Corporation R4332 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Supply Voltage
Between Anode and Cathode
Between Anode and Last Dynode
1250
250
0.1
Vdc
Vdc
mA
Average Anode Current A
Unit
CHARACTERISTlCS (at 25
)
NOTES
Parameter
Min.
Max.
R3788
Typ.
Cathode Sensitivity
Anode Dark Current F
(After 30minutes Storage in the darkness)
550
Anode Current Stability K
A:
B:
C:
D:
E:
Averaged over any interval of 30 seconds maximum.
The light source is a tungsten filament lamp operated at a distribution tem-
perature of 2856K. Supply voltage is 100 volts between the cathode and
all other electrodes connected together as anode.
Red/White ratio is the quotient of the cathode current measured using a
red filter(Toshiba R-68) interposed between the light source and the tube
by the cathode current measured with the filter removed under the same
conditions as Note B.
The value is cathode output current when a blue filter(Corning CS-5-58
polished to 1/2 stock thickness) is interposed between the light source and
the tube under the same condition as Note B.
Measured with the same light source as Note B and with the voltage distri-
bution ratio shown in Table 1 below.
F:
G:
H:
Measured with the same supply voltage and voltage distribution ratio as
Note E after removal of light.
ENI is an indication of the photon-limited signal-to-noise ratio. It refers to
the amount of light in watts to produce a signal-to-noise ratio of unity in the
output of a photomultiplier tube.
where
q = Electronic charge (1.60
10-19 coulomb).
ldb = Anode dark current(after 30 minutes storage) in amperes.
G = Gain.
f = Bandwidth of the system in hertz. 1 hertz is used.
S = Anode radiant sensitivity in amperes per watt at the wave-
length of peak response.
The rise time is the time for the output pulse to rise from 10% to 90% of the
peak amplitude when the entire photocathode is illuminated by a delta
function light pulse.
ENI =
S
2q.ldb.G. f
Light Hysteresis
Voltage Hysteresis
0.1
1.0
Radiant at 194nm
31
Red/White Ratio C
0.01
Blue D
10
210nm
50
420nm
90
Anode Pulse Rise Time H
2.2
Electron Transit Time I
22
Transit Time Spread (TTS) J
1.2
Time Response E
Electrodes
K
Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9
P
Distribution
Ratio
1
111
1
1
1111
SuppIy Voltage : 1000Vdc
K : Cathode,
Dy : Dynode,
P : Anode
Quantum Efficiency at Peak Wavelength
100
120
30
(at 250nm)
Anode Sensitivity
Gain E
ENI(Equivalent Noise Input) G
Unit
PHOTOMULTlPLlER TUBES R3788, R4332
Luminous B
Radiant at 194nm
210nm
420nm
Luminous E
1200
500
5.0
105
9.0
105
1.0
107
1.4
10-16
Min.
Max.
R4332
Typ.
550
nA
0.1
1.0
%
%
60
mA/W
0.01
10
A/lm-b
68
mA/W
90
mA/W
2.2
22
1.2
ns
ns
ns
100
120
A/lm
40
(at 210nm)
%
6.0
105
A/W
1200
A/lm
500
6.8
105
A/W
9.0
105
A/W
1.0
107
1.4
10-16
W
Table 1:Voltage Distribution Ratio
3.1
105



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com