Electronic Components Datasheet Search
  English  ▼

X  

TLM812GF Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TLM812GF
Description  Power It! Safety Power Strip with 8 Outlets and 12-ft. Cord with GFCI Plug
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TLM812GF Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TLM812GF Datasheet HTML 1Page - List of Unclassifed Manufacturers TLM812GF Datasheet HTML 2Page - List of Unclassifed Manufacturers TLM812GF Datasheet HTML 3Page - List of Unclassifed Manufacturers TLM812GF Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OVERVIEW
Intended Application
Safety; Industrial/Factory Floor
OUTPUT
Frequency compatibility
60 Hz
Circuit Breaker (amps)
15
Overload protection
GFCI plug
Outlet quantity / type
8 NEMA 5-15R
Transformer accommodation
Yes (3)
Outlet safety covers
Yes (4)
Outlet orientation
1 bank of 5, 1 bank of 3 (transformer outlets)
INPUT
Nominal Input Voltage(s) Supported
120V AC
Recommended Electrical Service
120V, 15A
Input connection type
GFCI 5-15P
Input plug features
Integrated cord clip plus GFCI breaker
Input cord length (ft.)
12
Input cord length (m)
3.66
Input cord gauge, type
14 gauge, SJT
Voltage compatibility (VAC)
120
LEDS ALARMS & SWITCHES
Switches
Combination AC circuit breaker and 2 position red illuminated on/off power switch
PHYSICAL
Shipping Dimensions (HWD/in)
12.43 x 11.44 x 2.17
Shipping Dimensions (HWD/cm)
31.57 x 29.06 x 5.51
Shipping weight (lbs)
5.18
Shipping weight (kg)
2.35
Unit Dimensions (HWD/in)
10.26 x 5.13 x 1.57
Unit Dimensions (HWD/cm)
26.06 x 13.03 x 3.99
Unit weight (lbs)
4.63
Unit weight (kg)
2.10
Material of construction
All-metal
2 / 3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com