Electronic Components Datasheet Search
  English  ▼

X  

ADP150 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP150
Description   Broadband Low Error Vector Magnitude (EVM) Direct Conversion Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP150 Datasheet(HTML) 5 Page - Analog Devices

  ADP150 Datasheet HTML 1Page - Analog Devices ADP150 Datasheet HTML 2Page - Analog Devices ADP150 Datasheet HTML 3Page - Analog Devices ADP150 Datasheet HTML 4Page - Analog Devices ADP150 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Circuit Note
CN-0134
Rev. B | Page 5 of 5
ADF4350
13
RFOUTA+
12
RFOUTA–
14
RFOUTB+
15
RFOUTB–
ADL5375
9
LOIP
10
LOIN
1nF
1nF
FILTER 1
DP4T
SWITCH
FILTER 2
Figure 8. Application Diagram Showing Possibility of Filter Switching Using
the ADF4350 Main and Auxiliary Outputs
CIRCUIT EVALUATION AND TEST
The CFTL-0134-EVALZ evaluation board contains the circuit
described in circuit note CN-0134, allowing for the quick setup
and evaluation of the circuit’s performance. The control
software for the CFTL-0134-EVALZ board uses the standard
ADF4350 programming software, located on the CD that
accompanies the evaluation board.
Equipment Needed
A standard PC running Windows® XP, Windows Vista (32-bit),
or Windows 7 (32-bit) with USB port, the CFTL-0134-EVALZ
circuit evaluation board, and the ADF4350 programming
software, power supplies, I-Q signal source, such as a Rhode &
Schwarz AMIQ, and a spectrum analyzer such as the Rhode &
Schwartz FSQ8. For additional details see the evaluation guide
(CN0134-EvalGuide-RevA.pdf), which is contained in the
design support package (http://www.analog.com/CN0134-
DesignSupport), and the ADF4350 and ADL5375 data sheets.
Getting Started
See CN0134-EvalGuide-RevA.pdf for software installation and
test setup. The documentation also includes the block diagram,
the application schematic, the bill of materials, and the layout
and assembly information. Also see the AD4350 and ADL5375
data sheets for additional details.
Functional Block Diagram
See Figure 1 and Figure 6 in circuit note CN-0134 and the
CN0134-EvalGuide-RevA.pdf, Wideband TX Modulator
Solution user document in the design support package.
Setup and Test
See circuit note CN-0134 and the CN0134-EvalGuide-
RevA.pdf, Wideband TX Modulator Solution user document,
for software installation and test setup. Also see the AD4350
and ADL5375 data sheets for additional details.
LEARN MORE
CN0134 Design Support Package:
http://www.analog.com/CN0134-DesignSupport
ADIsimPLL Design Tool
ADIsimPower Design Tool
ADIsimRF Design Tool
AN-0996 Application Note. The Advantages of Using a
Quadrature Digital Upconverter (QDUC) in Point-to-Point
Microwave Transmit Systems. Analog Devices.
AN-1039 Application Note. Correcting Imperfections in IQ
Modulators to Improve RF Signal Fidelity. Analog Devices.
Data Sheets and Evaluation Boards
ADF4350 Data Sheet
ADF4350 Evaluation Board
ADL5375 Data Sheet
ADL5375 Evaluation Board
ADP150 Data Sheet
ADP3334 Data Sheet
REVISION HISTORY
11/10—Rev. A to Rev. B
Changes to Circuit Note Title..........................................................1
Added Evaluation and Design Support Section............................1
Changes to Circuit Description Section.........................................2
Changes to Figure 6 ..........................................................................4
Added Circuit Evaluation and Test Section...................................5
9/10—Rev. 0 to Rev. A
Changes to Circuit Note Title..........................................................1
Changes to Circuit Function and Benefits Section.......................1
Changes to Circuit Description Section.........................................2
Changes to Common Variations Section.......................................4
1/10—Revision 0: Initial Version
(Continued from first page) Circuits from the Lab circuits are intended only for use with Analog Devices products and are the intellectual property of Analog Devices or its licensors. While you may
use the Circuits from the Lab circuits in the design of your product, no other license is granted by implication or otherwise under any patents or other intellectual property by application or use of
the Circuits from the Lab circuits. Information furnished by Analog Devices is believed to be accurate and reliable. However, "Circuits from the Lab" are supplied "as is" and without warranties of
any kind, express, implied, or statutory including, but not limited to, any implied warranty of merchantability, noninfringement or fitness for a particular purpose and no responsibility is assumed
by Analog Devices for their use, nor for any infringements of patents or other rights of third parties that may result from their use. Analog Devices reserves the right to change any Circuits from the
Lab circuits at any time without notice but is under no obligation to do so.
©2010 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
CN08659-0-11/10(B)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com