Electronic Components Datasheet Search
  English  ▼

X  

AD8376 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8376
Description  High Performance, Dual Channel IF Sampling Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8376 Datasheet(HTML) 1 Page - Analog Devices

  AD8376 Datasheet HTML 1Page - Analog Devices AD8376 Datasheet HTML 2Page - Analog Devices AD8376 Datasheet HTML 3Page - Analog Devices AD8376 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Circuit Note
CN-0140
Circuit Designs Using Analog Devices Products
Apply these product pairings quickly and with confidence.
For more information and/or support call 1-800-AnalogD
(1-800-262-5643) or visit www.analog.com/circuit.
Devices Connected/Referenced
ADL5356
1.2 GHz to 2.5 GHz, Dual-Balanced Mixer,
LO Buffer, IF Amplifier, and RF Balun
AD8376
Ultralow Distortion IF Dual VGA
AD9258
14-Bit, 125 MSPS, 1.8 V Dual ADC
AD9517-4
12-Output Clock Generator with
Integrated 1.6 GHz VCO
High Performance, Dual Channel IF Sampling Receiver
Rev. 0
“Circuits from the Lab” from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformance havebeentestedandverifiedinalabenvironment
atroomtemperature.However,youaresolelyresponsible fortestingthe circuit anddetermining its
suitability and applicability for your use and application. Accordingly, in no event shall Analog
Devices be liable for direct, indirect, special, incidental, consequential or punitive damages due to
anycausewhatsoeverconnectedtotheuseofany“CircuitfromtheLab”. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2010 Analog Devices, Inc. All rights reserved.
CIRCUIT FUNCTION AND BENEFITS
This circuit is a high performance, dual channel IF sampling
receiver, also called a “main” and “diversity” receiver in
base station terminology. The downconverting receiver uses
a single IF frequency of 153.6 MHz and includes a dual
downconverting mixer, digitally controlled dual VGA, dual
ADC, and clock synthesizer. The circuit takes an incoming
RF waveform and outputs a dual 14-bit resolution digital data
stream. It is optimized for high frequency IF sampling and
provides exceptional spurious-free dynamic range (SFDR)
performance of 79.61 dBc with a sampling rate of 122.88 MSPS
at the high gain setting.
CIRCUIT DESCRIPTION
This circuit includes the RF front end, as well as the IF sampling
receiver. It is composed of a dual balanced mixer, broadband IF
SAW filter, digitally controlled dual VGA, and dual ADC. The
circuit also includes a synthesizer, which generates the ADC
sampling clock.
The ADL5356 dual balanced mixer is designed to downconvert
radio frequencies (RF) primarily between 1200 MHz and
2500 MHz to lower intermediate frequencies (IF) between
30 MHz and 450 MHz.
5
18pF
18pF
18pF
5V
5V
5V
18pF
58nH
72nH
470pF
470pF
0.1µF
0.1µF
57.6
Ω
470pF
100pF
1.5k
Ω
430
Ω
200
Ω
200
Ω
10nF
50
Ω
0.1µF
0.1µF
0.1µF
0.22µF
REFIN
OUT0
CP
BYPASS
LF
1/2
AD8376
309
Ω 3.3pF
A0 TO
A4
20pF
1µH
1µH
330nH
330nH
330nH
330nH
CML
165
Ω
165
Ω
CML CLK+
122.88MHz
CLK–
56nH
33
Ω
33
Ω
1/2
AD9258
5V
1.21k
Ω
GM
IN
CT
ON
OP
LG
330nH
330nH
390
Ω
50
Ω
LO IN
1796.4MHz
REF IN
30.72MHz
5V
5V
LOSW
LOI2
22pF
22pF
50
Ω
10nF
10pF
RF IN
1950MHz
1/2
ADL5356
153.6MHz
FC = 153.6MHz
BW = 20MHz
EPCOS
B5206
SAW FILTER
1.8V
AVDD
3V
1.8V
DVDD
14
1:1
AD9517-4
REFIN
OUT0
NOTES
1. ALL PINS AND CONNECTIONS TO ADL5356, AD8376, AD9258 AND AD9417 NOT SHOWN.
CONSULT PRODUCT DATA SHEETS FOR DETAILED INFORMATION.
Figure 1. Broadband Dual Channel IF Sampling Receiver (Simplified Schematic: Only One-Half of the Receiver Is Shown. All Connections and Decoupling Not Shown)


Similar Part No. - AD8376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8376 AD-AD8376 Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8376 AD-AD8376 Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
AD8376 AD-AD8376 Datasheet
1Mb / 24P
Ultralow Distortion IF Dual VGA
Rev. B
AD8376-EVALZ AD-AD8376-EVALZ Datasheet
620Kb / 12P
Ultra Low Distortion IF Dual VGA
AD8376-EVALZ AD-AD8376-EVALZ Datasheet
935Kb / 24P
Ultralow Distortion IF Dual VGA
REV. A
More results

Similar Description - AD8376

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6642 AD-AD6642 Datasheet
1Mb / 32P
Dual IF Receiver
REV. 0
AD6659 AD-AD6659 Datasheet
1Mb / 40P
Dual IF Receiver
REV. A
logo
Linear Technology
DC1391 LINER-DC1391_15 Datasheet
87Kb / 1P
14 BIT IF SAMPLING RECEIVER SUBSYSTEM
logo
Analog Devices
AD6642 AD-AD6642_17 Datasheet
1Mb / 33P
Dual IF Receiver
29-Nov-2017
AD6643 AD-AD6643_17 Datasheet
1Mb / 41P
Dual IF Receiver
23-Feb-2017
logo
Integrated Device Techn...
IDTF0552NLGI IDT-IDTF0552NLGI Datasheet
2Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
IDTF0562NLGI IDT-IDTF0562NLGI Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
logo
Renesas Technology Corp
F0502 RENESAS-F0502 Datasheet
2Mb / 39P
Sampling IF Receiver 600MHz to 1000MHz
February 8,2022
F0552 RENESAS-F0552 Datasheet
1Mb / 54P
Sampling IF Receiver 1710MHz to 2050MHz
February 9, 2022
F0562 RENESAS-F0562 Datasheet
2Mb / 36P
Sampling IF Receiver 2300MHz to 2700MHz
February 9, 2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com