Electronic Components Datasheet Search
  English  ▼

X  

B320 Datasheet(PDF) 8 Page - Orister Corporation

Part # B320
Description  3A, 20V, 400KHz DC/DC Asynchronous Step?륞own Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORISTER [Orister Corporation]
Direct Link  http://www.orister.com
Logo ORISTER - Orister Corporation

B320 Datasheet(HTML) 8 Page - Orister Corporation

Back Button B320 Datasheet HTML 2Page - Orister Corporation B320 Datasheet HTML 3Page - Orister Corporation B320 Datasheet HTML 4Page - Orister Corporation B320 Datasheet HTML 5Page - Orister Corporation B320 Datasheet HTML 6Page - Orister Corporation B320 Datasheet HTML 7Page - Orister Corporation B320 Datasheet HTML 8Page - Orister Corporation B320 Datasheet HTML 9Page - Orister Corporation B320 Datasheet HTML 10Page - Orister Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Page No. : 8/10
DS‐RS6507‐02    February, 2010 
www.Orister.com
SOP‐8(EP) Dimension 
 
NOTES: 
A. All linear dimensions are in millimeters (inches). 
B. This drawing is subject to change without notice. 
C.
Body length does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not 
exceed 0.006 (0.15) per end. 
D. Body width dimension does not include inter‐lead flash or protrusions. Inter‐lead flash and protrusions shall not exceed 
0.010 (0.25) per side. 
E.
The chamfer on the body is optional. If it is not present, a visual index feature must be located within the cross‐hatched 
area. 
F.
Lead dimension is the length of terminal for soldering to a substrate. 
G. The lead width, as measured 0.014 (0.36) or greater above the seating plane, shall not exceed a maximum value of 0.024 
(0.61). 
H. Lead to lead coplanarity shall be less than 0.004 (0.10) form Seating Plane. 
I.
Falls within JEDEC MS‐012 variation AA. 
 
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com