Electronic Components Datasheet Search
  English  ▼

X  

R5611 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R5611
Description  PHOTOMULTlPLlER TUBES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R5611 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R5611 Datasheet HTML 1Page - Hamamatsu Corporation R5611 Datasheet HTML 2Page - Hamamatsu Corporation R5611 Datasheet HTML 3Page - Hamamatsu Corporation R5611 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PHOTOMULTlPLlER TUBES R5611, R5611–01
Figure 2: Typical Gain and Dark Current
Figure 1: Typical Spectral Response
Figure 4: Temperature Coefficient of Anode Sensitivity
Figure 3: Single Photoelectron Pulse Height Distribution
TPMHB0256EA
200
400
600
800
WAVELENGTH (nm)
0.01
0.1
1
10
100
CATHODE
RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
TPMHB0267EA
500
600
700
800
1000
1500
102
103
104
105
106
107
10–11
10–10
10–9
10–8
10–7
10–6
SUPPLY VOLTAGE (V)
TPMHB0268EA
0
512
1024
0
0.2
0.4
0.6
0.8
1.0
WAVELENGTH
OF INCIDENT LIGHT : 400nm
SUPPLY VOLTAGE : 1000V
AMBIENT TEMP. : 25 C
SIGNAL + DARK
DARK
CHANNEL NUMBER (CH)
TPMHB0269EA
200
300
400
500
600
700
800
–
1.5
–
1.0
–
0.5
0
+
0.5
+
1.0
+
1.5
+
2.0
WAVELENGTH (nm)
SUPPLY VOLTAGE : 1000V
MONOCHROMATOR : JOBIN-YVON (H-20)
TEMPERATURE RANGE : 10 TO 40



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com