Electronic Components Datasheet Search
  English  ▼

X  

B37 Datasheet(PDF) 13 Page - Micrel Semiconductor

Part # B37
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B37 Datasheet(HTML) 13 Page - Micrel Semiconductor

Back Button B37 Datasheet HTML 6Page - Micrel Semiconductor B37 Datasheet HTML 7Page - Micrel Semiconductor B37 Datasheet HTML 8Page - Micrel Semiconductor B37 Datasheet HTML 9Page - Micrel Semiconductor B37 Datasheet HTML 10Page - Micrel Semiconductor B37 Datasheet HTML 11Page - Micrel Semiconductor B37 Datasheet HTML 12Page - Micrel Semiconductor B37 Datasheet HTML 13Page - Micrel Semiconductor B37 Datasheet HTML 14Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
13
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
DC-Coupled Signal Interfacing
PECL
Parallel Termination (Thevenin Equivalent)
Notes:
7. Power-saving alternative to Thevenin termination.
8. Place termination resistors as close to destination inputs as possible.
9. Rb resistor set the DC bias voltage, equal to VT.
10. For 2.5V systems, Rb = 19Ω. For 3.3V systems, Rb = 50Ω.
Parallel Termination (3-Resistor)
“Y-Termination”
LVDS
Conventional Method
Micrel Any-In Internal Termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com