Electronic Components Datasheet Search
  English  ▼

X  

B20 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # B20
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B20 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button B20 Datasheet HTML 2Page - Micrel Semiconductor B20 Datasheet HTML 3Page - Micrel Semiconductor B20 Datasheet HTML 4Page - Micrel Semiconductor B20 Datasheet HTML 5Page - Micrel Semiconductor B20 Datasheet HTML 6Page - Micrel Semiconductor B20 Datasheet HTML 7Page - Micrel Semiconductor B20 Datasheet HTML 8Page - Micrel Semiconductor B20 Datasheet HTML 9Page - Micrel Semiconductor B20 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
6
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
Absolute Maximum Ratings(2)
Supply Voltage (VDD, VDDA, VDDI, VDDO) ........................+4.6V
Input Voltage (VIN)........................................ −0.5V to +4.6V
Lead Temperature (soldering, 20s)............................ 260°C
Storage Temperature (Ts).........................−65°C to +150°C
ESD Machine Model ....................................................200V
ESD Human Body Model ...........................................2000V
Operating Ratings(3)
Supply Voltage (VDD, VDDO)................... +2.375V to +3.465V
Ambient Operating Temperature (TA) .........–40°C to +85°C
Maximum Allowable Junction Temp .......................... 125°C
Junction Thermal Resistance
84-pin QFN 7mm x 7mm θJA Still Air .................24°C/W
Electrical Characteristics
Typical values are TA = 25°C, min/max across –40°C ≤ TA ≤ +85°C, unless otherwise noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VDD, VDDO
Supply Voltage
2.5V Operation
2.375
2.5
2.625
V
3.3V Operation
3.135
3.3
3.465
VDDI_1
Analog Supply Voltage
Note 3
3.135
3.3
3.465
V
VDDI_2
Analog Supply Voltage
Note 3
2.375
3.465
V
VDDA
PLL Core Voltage
2.375
3.465
V
IDDA
PLL Core Current Consumption
Per active PLL
60
mA
IDD
Current Consumption
8
mA
IDDI_1
Input 1 Supply Current
XO Input(3)
0
mA
Ref Input
2
mA
IDDI_2
Input 2 Supply Current
XO Input(3)
4
mA
Ref Input
2
mA
LVPECL DC Electrical Characteristics
VDDCore = VDD = VDD0 = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C, unless otherwise noted. RL = 50Ω to VDDO − 2V
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOH
Output High Voltage
50Ω to VDDO − 2V
VDDO –1.35
VDDO – 1.01
VDDO – 0.8
V
VOL
Output Low Voltage
50Ω to VDDO − 2V
VDDO –2
VDDO – 1.78
VDDO –1.6
V
VSWING
Peak-to-Peak Output Voltage
Figure 2
0.65
0.77
0.95
V
LVDS DC Electrical Characteristics
VDDCore = VDD = VDD0 = 3.3V ±5% or 2.5V ±5%, TA = –40°C to +85°C, unless otherwise noted. RL = 100Ω between Q and /Q.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VOD
Differential Output Voltage
Figure 2
245
350
454
mV
VCM
Common Mode Voltage
1.125
1.2
1.375
V
VOH
Output High Voltage
1.248
1.375
1.602
V
VOL
Output Low Voltage
0.898
1.025
1.252
V
Notes:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied
at conditions other than those detailed in the operational sections of this datasheet. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
2. The datasheet limits are not guaranteed if the device exceeds the operating ratings.
3. Crystal input is powered from VDDI_2 analog supply voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com