Electronic Components Datasheet Search
  English  ▼

X  

B31 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # B31
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B31 Datasheet(HTML) 3 Page - Micrel Semiconductor

  B31 Datasheet HTML 1Page - Micrel Semiconductor B31 Datasheet HTML 2Page - Micrel Semiconductor B31 Datasheet HTML 3Page - Micrel Semiconductor B31 Datasheet HTML 4Page - Micrel Semiconductor B31 Datasheet HTML 5Page - Micrel Semiconductor B31 Datasheet HTML 6Page - Micrel Semiconductor B31 Datasheet HTML 7Page - Micrel Semiconductor B31 Datasheet HTML 8Page - Micrel Semiconductor B31 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
3
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
Pin Description
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
A19, A20
A17, A18
A15, A16
A13, A14
A10, A11
A8, A9
A36, A37
A38, A39
A40, A41
A42, A43
A1, A2
A3, A4
QA1, /QA1
QA2, /QA2
QA3, /QA3
QB1, /QB1
QB2, /QB2
QB3, /QB3
QC1, /QC1
QC2, /QC2
QC3, /QC3
QD1, /QD1
QD2, /QD2
QD3, /QD3
O, (DIF/SE)
LVPECL
Differential LVPECL (default), HCSL, or LVDS Clock
Outputs or Phase-Adjustable Differential or Single-Ended
CMOS Outputs
B12
B11
B40
A44
FSEL_A
FSEL_B
FSEL_C
FSEL_D
I, (SE)
LVCMOS
Frequency Select, 75kΩ pull-up
1 = Primary Selection
0 = Secondary Selection
A21, A35
VDD
PWR
Power Supply
B18
B17
VDDOA1
VDDOA2
VDDOA3
PWR
Power Supply for Outputs QA1−3
B8
B9
VDDOB1
VDDOB2
VDDOB3
PWR
Power Supply for Outputs QB1−3
B33
B37
VDDOC1
VDDOC2
VDDOC3
PWR
Power Supply for Outputs QC1−3
B2
B3
VDDOD1
VDDOD2
VDDOD3
PWR
Power Supply for Outputs QD1−3
B20
VDDAP1
PWR
Power Supply for PLL1
B31
VDDAP2
PWR
Power Supply for PLL2
A27, B25
VDDI1
PWR
3.3V only
Power Supply for VCXO, Reference1, Feedback 1
A28
VDDI2
PWR
Power Supply for XO, Reference2, Feedback 2
B30
B36
VSS
(Exposed Pad)
PWR
Core Power Supply Ground. The exposed pad must be
connected to the VSS ground plane.
B15
B16
VSSOA1
VSSOA2
VSSOA3
PWR
Power Supply Ground for Outputs QA1−3
B10
B13
VSSOB1
VSSOB2
VSSOB3
PWR
Power Supply Ground for Outputs QB1−3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com