Electronic Components Datasheet Search
  English  ▼

X  

B25 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # B25
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B25 Datasheet(HTML) 4 Page - Micrel Semiconductor

  B25 Datasheet HTML 1Page - Micrel Semiconductor B25 Datasheet HTML 2Page - Micrel Semiconductor B25 Datasheet HTML 3Page - Micrel Semiconductor B25 Datasheet HTML 4Page - Micrel Semiconductor B25 Datasheet HTML 5Page - Micrel Semiconductor B25 Datasheet HTML 6Page - Micrel Semiconductor B25 Datasheet HTML 7Page - Micrel Semiconductor B25 Datasheet HTML 8Page - Micrel Semiconductor B25 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
4
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
Pin Number
Pin Name
Pin Type
Pin Level
Pin Function
B34
B35
VSSOC1
VSSOC2
VSSOC3
PWR
Power Supply Ground for Outputs QC1−3
B4
B39
VSSOD1
VSSOD2
VSSOD3
PWR
Power Supply Ground for Outputs QD1−3
A34
VSSAP1
PWR
Power Supply Ground for PLL1
A22
VSSAP2
PWR
Power Supply Ground for PLL2
A23
VSSI1
PWR
Power Supply Ground for VCXO, Reference1, Feedback 1
A31
VSSI2
PWR
Power Supply Ground for XO, Reference2, Feedback 2
B14
OEA1/2/3
I, (SE)
LVCMOS
Output Enable, Outputs Q0–Q3 disable to tri-state,
0 = Disabled, 1 = Enabled, 75kΩ pull-up
A12
OEB1/2/3
I, (SE)
LVCMOS
Output Enable, Outputs Q4–Q7 disable to tri-state,
0 = Disabled, 1 = Enabled, 75kΩ pull-up
B38
OEC1/2/3
I, (SE)
LVCMOS
Output Enable, Outputs Q4–Q7 disable to tri-state,
0 = Disabled, 1 = Enabled, 75kΩ pull-up
B1
OED1/2/3
I, (SE)
LVCMOS
Output Enable, Outputs Q4–Q7 disable to tri-state,
0 = Disabled, 1 = Enabled, 75kΩ pull-up
A5, A6, A7,
B5, B6, B7
TEST
-
-
Factory Test pins. Do not connect anything to these pins.
A32
A33
REFOUT_P,
REFOUT_N
I, (Diff/SE)
LVPECL
LVDS
HCSL
LVCMOS
Reference Clock Output
B21
B22
REF1_P, REF1_N
I, (Diff/SE)
LVPECL
LVDS
HCSL
LVCMOS
Reference Clock Input 1
B28
B29
REF2_P, REF2_N
I, (Diff/SE)
LVPECL
LVDS
HCSL
LVCMOS
Reference Clock Input2
B23
B24
FB1_P, FB1_N
I, (Diff/SE)
LVPECL
LVDS
HCSL
LVCMOS
Feedback Clock Input1
B26
B27
FB2_P, FB2_N
I, (Diff/SE)
LVPECL
LVDS
HCSL
LVCMOS
Feedback Clock Input2
A29
XTAL_IN
I, (SE)
12pF crystal
Crystal Reference Input, no load caps needed
(See Figure 9.)
A30
XTAL_OUT
O, (SE)
12pF crystal
Crystal Reference Output, no load caps needed
(See Figure 9.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com