Electronic Components Datasheet Search
  English  ▼

X  

B30 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # B30
Description  Flexible Ultra-Low Jitter Clock Synthesizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

B30 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button B30 Datasheet HTML 4Page - Micrel Semiconductor B30 Datasheet HTML 5Page - Micrel Semiconductor B30 Datasheet HTML 6Page - Micrel Semiconductor B30 Datasheet HTML 7Page - Micrel Semiconductor B30 Datasheet HTML 8Page - Micrel Semiconductor B30 Datasheet HTML 9Page - Micrel Semiconductor B30 Datasheet HTML 10Page - Micrel Semiconductor B30 Datasheet HTML 11Page - Micrel Semiconductor B30 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Micrel, Inc.
SM803020
July 22, 2013
8
Revision 1.0
hbwhelp@micrel.com or (408) 955-1690
AC Electrical Characteristics
VDD = VDDO1/2 = 3.3V ±5% or 2.5V ±5%
VDD = 3.3V ±5%, VDDO1/2 = 3.3V ±5% or 2.5V ±5%
TA = −40°C to +85°C
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
FIN
Input Frequency
39.0625
MHz
FOUT
Output Frequency
LVPECL, LVDS, HCSL, LVCMOS
156.25
MHz
TR/TF
Output Rise/Fall Time
20% – 80%
LVPECL output
85
135
350
ps
LVDS output
85
140
300
ps
HCSL output
175
340
700
ps
LVCMOS output
100
200
400
ps
ODC
Output Duty Cycle
45
50
55
%
Tpd
Input to Output Propagation Delay
ZDB mode
−
100
100
ps
Synthesizer/Bypass mode
4
ns
TSKEW
Output-to-Output Skew(4)
Note 5, same output bank
50
ps
TLOCK
PLL Lock Time
5
20
ms
Tjit(∅)
RMS Phase Jitter(6)
Integration range (12kHz to 20MHz)
180
fs
Notes:
4. Defined as skew between outputs at the same supply voltage and with equal load conditions; measured at the output differential crossing points.
5. Output-to-output skew is only defined for outputs in the same PLL bank [A:B, C:D] with the same output type setting.
6. All phase noise measurements were taken with an Agilent 5052B phase noise system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com