Electronic Components Datasheet Search
  English  ▼

X  

R6091 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R6091
Description  PHOTOMULTlPLlER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6091 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R6091 Datasheet HTML 1Page - Hamamatsu Corporation R6091 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For Scintillation Counting, Fast Time Response
76mm(3 Inch) Diameter, Bialkali Photocathode, 12–Stage Head–On Type
GENERAL
Parameter
Description / Value
Unit
Spectral Response
300 to 650
nm
Wavelength of Maximum Response
420
nm
Photocathode
MateriaI
MateriaI
Shape
Bialkali
Structure
Number of Stages
Minimum Effective Area
65
mm dia.
Window
Borosilicate glass
Dynode
Suitable Socket
Plano–concave
Linear focused
12
E678–21A (supplied)
MAXIMUM RATINGS (Absolute Maximum Values)
Parameter
Value
Supply Voltage
Between Anode and Cathode
2500
Unit
Vdc
mA
Average Anode Current
0.2
CHARACTERISTlCS (at 25
)
Parameter
Max.
Typ.
Min.
Cathode
Sensitivity
Gain
Anode Dark Current (after 30min. storage in darkness)
Radiant at 420nm
Radiant at 420nm
Blue (CS–5–58 filter)
51 0 6
A/lm
A/lm
A/lm b
A/W
mA/W
Anode Pulse Rise Time
2.6
ns
nA
Transit Time Spread (FWHM)
at 2% Deviation
at 5% Deviation
Electron Transit Time
90
85
10.5
450
60
9.0
50
Time Response
Pulse Linearity
Anode Sensitivity
48
2.0
80
110
10
60
Unit
ns
ns
mA
mA
4.3
10 5
Luminous (2856K)
Luminous (2856K)
Anode characteristics are measured with the voItage distribution ratio shown below.
NOTE:
Electrodes
K
Dy1
G
Dy2
Dy3
Dy4
Dy5
Dy6
Dy7
Dy8
Dy9
Dy10 Dy11
Dy12
P
Ratio
4
0
1
1.4
1
11
1
11
1
1
1
1
SuppIy Voltage : 1500Vdc,
K : Cathode,
Dy : Dynode,
P : Anode,
G : Grid
VOLTAGE DlSTRlBUTlON RATlO AND SUPPLY VOLTAGE
Electrodes
K
Dy1
G
Dy2
Dy3
Dy4
Dy5
Dy6
Dy7
Dy8
Dy9
Dy10 Dy11
Dy12
P
Ratio
4.3
0
1
1.6
1
11
1
1
1
1.6
2
3.3
2
SuppIy Voltage : 2000Vdc,
K : Cathode,
Dy : Dynode,
P : Anode,
G : Grid
SPECIAL VOLTAGE DlSTRlBUTlON RATlO FOR PULSE LINEARITY MEASUREMENTS
PHOTOMULTlPLlER TUBE
R6091
lnformation furnished by HA MAM ATS U is believed to be reliabIe. However, no responsibility is assumed for possibIe inaccuracies or commission. Specifications are
subjected to change without notice. No patent right are granted to any of the circuits described herein.
© 1996 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.


Similar Part No. - R6091

ManufacturerPart #DatasheetDescription
logo
GIACOMINI WATER E-MOTIO...
R609Y012 GIACOMINI-R609Y012 Datasheet
494Kb / 3P
Ball cocks for water for heating systems, standard port
R609Y013 GIACOMINI-R609Y013 Datasheet
494Kb / 3P
Ball cocks for water for heating systems, standard port
R609Y014 GIACOMINI-R609Y014 Datasheet
494Kb / 3P
Ball cocks for water for heating systems, standard port
More results

Similar Description - R6091

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1387 HAMAMATSU-R1387 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2066 HAMAMATSU-R2066 Datasheet
21Kb / 2P
PHOTOMULTlPLlER TUBE
R2228 HAMAMATSU-R2228 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R2248 HAMAMATSU-R2248 Datasheet
18Kb / 2P
PHOTOMULTlPLlER TUBE
R2257 HAMAMATSU-R2257 Datasheet
25Kb / 2P
PHOTOMULTlPLlER TUBE
R3998-02 HAMAMATSU-R3998-02 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R5108 HAMAMATSU-R5108 Datasheet
59Kb / 4P
PHOTOMULTlPLlER TUBE
R5496 HAMAMATSU-R5496 Datasheet
59Kb / 2P
PHOTOMULTlPLlER TUBE
R580 HAMAMATSU-R580 Datasheet
22Kb / 2P
PHOTOMULTlPLlER TUBE
R7459 HAMAMATSU-R7459 Datasheet
47Kb / 2P
PHOTOMULTlPLlER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com