Electronic Components Datasheet Search
  English  ▼

X  

P200020 Datasheet(PDF) 1 Page - E-SWITCH

Part # P200020
Description  CONTACT RESISTANCE: 100 m MAX.
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

P200020 Datasheet(HTML) 1 Page - E-SWITCH

  P200020 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
JS5208
2.5 : 1
6/4/2010
P200020
D
BLR
1
1
4
6
5
2
1
3
PUSH (N.O.)
SCHEMATIC
COMM.
SWITCH FUNCTION
POSITION
A
B
C
D
PUSH E
1 - 4
1 - 2
1 - 6
1 - 5
1 - 3
CONNECTED TERM. #
P.C. MOUNTING
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. TERMINAL NUMBERS FOR REF. ONLY
3. TOLERANCE: X.X=`0.4
X.XX=`0.25
4. TRAVEL: LEVER 8°±2°; PUSH: 1.0mm +/- 0.2
5. RATING: 20mA @ 15 VDC
6. OPERATION FORCE: LEVER=280 +/- 100 gf; PUSH=500 +/- 150 gf
7. CONTACT RESISTANCE: 100 m
MAX.
8. LIFE CYCLES 100,000 CYCLES MIN.
7.
DENOTES CRITICAL PARAMETER
8. 2002/95/EC (ROHS) COMPLIANT
9. MADE FROM HIGH TEMPERATURE MATERIALS SUITABLE FOR REFLOW SOLDERING
C
A
B
D
1
2
3
4
5
6
E
5.00
[.197 in]
6.50
[.256 in]
12.20
[.480 in]
3.30
[.130 in]
(SQ.)
2.50
[.098 in]
(SQ.)
2.50
[.098 in]
1.30
[.051 in]
(2)
12.40
[.488 in]
CHAMFER:
0.8 X 45° (2)
6.00
[.236 in]
3.00
[.118 in]
7.00
[.276 in]
3.00
[.118 in]
6.00
[.236 in]
A
10243
Release For Production
6/16/99
MM
1.0 R
[.040 in]
(4)
n1.40
[.055 in]
1.30
[.051 in]
2.30
[.091 in]
B
19120
1mm R ADDED TO ACTUATOR STEM
6/4/10
BLR
B
16.40
[.646 in]
12.40
[.488 in]
9.90
[.390 in]
1.90
[.075 in]
17.00
[.669 in]
13.00
[.512 in]
6.00
[.236 in]
12.50
[.492 in]
9.60
[.378 in]
6.10
[.240 in]
3.20
[.126 in]
7.00
[.276 in]
6.00
[.236 in]
n1.60
[.063 in]
3.00
[.118 in]
2.00
[.079 in]
C
19723
CHANGED DIMS was 12.02 & 6.59
2/28/11
BGL
C
C
C
D
21347
ADD HIGH TEMPERATURE MATERIAL NOTE
1/9/14
EBP
D


Similar Part No. - P200020

ManufacturerPart #DatasheetDescription
logo
Semikron International
P2000A SEMIKRON-P2000A Datasheet
254Kb / 2P
Standard silicon rectifier diodes
P2000A SEMIKRON-P2000A Datasheet
453Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
P2000A DIOTEC-P2000A Datasheet
97Kb / 2P
Silicon Rectifier Diodes
logo
Teccor Electronics
P2000AA61 TECCOR-P2000AA61 Datasheet
1Mb / 212P
solid state crowbar devices
logo
Littelfuse
P2000AA61L LITTELFUSE-P2000AA61L Datasheet
142Kb / 2P
SIDACtor
More results

Similar Description - P200020

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
E-SWITCH
N800001 E-SWITCH-N800001 Datasheet
84Kb / 1P
CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N800002 E-SWITCH-N800002 Datasheet
103Kb / 1P
CONTACT RESISTANCE; 50 m2 MAX INITIAL.
N800210 E-SWITCH-N800210 Datasheet
213Kb / 1P
CONTACT RESISTANCE; 50 m2 MAX INITIAL.
logo
Assmann Electronics Inc...
AK-310300-020-S ASSMANN-AK-310300-020-S Datasheet
541Kb / 1P
CONTACT RESISTANCE 3 OHM MAX
logo
Amphenol Corporation
P-UE27-AEX4-XOX AMPHENOL-P-UE27-AEX4-XOX Datasheet
85Kb / 1P
contact resistance-30 milliohms max
C-L177HDXXXSD1CH4R AMPHENOL-C-L177HDXXXSD1CH4R Datasheet
87Kb / 1P
contact resistance 20 m0hms max
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com