Electronic Components Datasheet Search
  English  ▼

X  

R6352 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R6352
Description  NEW COMPACT TYPE PMT SERIES
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R6352 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R6352 Datasheet HTML 1Page - Hamamatsu Corporation R6352 Datasheet HTML 2Page - Hamamatsu Corporation R6352 Datasheet HTML 3Page - Hamamatsu Corporation R6352 Datasheet HTML 4Page - Hamamatsu Corporation R6352 Datasheet HTML 5Page - Hamamatsu Corporation R6352 Datasheet HTML 6Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Figure 1: Typical Spectral Response of Cs-Te
TPMSB0128EA
NEW COMPACT TYPE PMT SERIES
Figure 2: Typical Spectral Response of BA, LBA, Sb-Cs
TPMSB0114EA
* Achieved the higher photocathode sensitivity by eliminating the mesh in front of the photocathode.
It also features no output variation, disturbed by the mesh, when the incident light spot to the photocathode is small.
NOTE
Photocathode materials
BA: Bialkali
LBA: Low dark current bialkali
MA: Multialkali
LMA: Low dark current multialkali
Dynode structure
CC: Circular-cage
Averaged over any interval of 30 seconds maximum.
Window materials
Q: Synthetic silica
U: UV glass
See optional accessories
Outline No.
See Fig. 9
The maximum ambient temperature
range is -80 to +50
°C.
Type No.
R6350
R6351
R6352
R6353
R6354
R6355
R6356
R6357 *
R6358
For UV to visible range,
general purpose.
Synthetic silica
window type of R6350
High sensitivity
variant of R6350
Low dark current
bialkali photocathode
Low dark current
variant of R6356
For UV to near IR range,
general purpose
High sensitivity
variant of R6355
High sensitivity
variant of R6356,
Meshless type
For UV range
185 to 650
160 to 650
185 to 750
185 to 680
160 to 320
185 to 850
185 to 900
185 to 900
185 to 830
340
340
420
400
230
530
600
450
530
Sb-Cs
Sb-Cs
BA
LBA
Cs-Te
MA
MA
MA
LMA
CC/9
CC/9
CC/9
CC/9
CC/9
CC/9
CC/9
CC/9
CC/9
E678-11U/
E678-11U/
E678-11U/
E678-11U/
E678-11U/
E678-11U/
E678-11U/
E678-11U/
E678-11U/
1250
1250
1250
1250
1250
1250
1250
1250
1250
0.01
0.01
0.01
0.01
0.01
0.01
0.01
0.01
0.01
20
20
80
30
—
80
140
350
140
40
40
120
70
—
150
250
500
200
U
Q
U
U
Q
U
U
U
U
1
2
1
1
2
1
1
1
1
Remarks
Range
Peak
Wave-
length
Photo-
cathode
Material
Window
Material
Outline
No.
Dynode
Structure
No. of
Stages
Spectral Response
(nm)
(nm)
(Vdc)
Socket
Socket
Assembly
Anode to
Cathode
Voltage
(mA)
Average
Anode
Current
(
µA/lm)
Min.
(
µA/lm)
Typ.
Maximum
Ratings
Cathode Sensitivity
Luminous
WAVELENGTH (nm)
100
300
200
400
500
0.01
0.1
1
10
100
CATHODE RADIANT
SENSITIVITY
QUANTUM
EFFICIENCY
0.01
700
500
300
100
0.1
1
10
WAVELENGTH (nm)
100
RADIANT SENSITIVITY
QUANTUM EFFICIENCY
200
400
600
R6351
R6350,
R6351
R6352
R6353
800
Side-On New Compact Type Photomultiplier Tubes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com