Electronic Components Datasheet Search
  English  ▼

X  

R669 Datasheet(PDF) 1 Page - Hamamatsu Corporation

Part # R669
Description  PHOTOMULTIPLIER TUBE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R669 Datasheet(HTML) 1 Page - Hamamatsu Corporation

  R669 Datasheet HTML 1Page - Hamamatsu Corporation R669 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL
Parameter
Description/Value
Unit
Spectral Response
Wavelength of Maximum Response
Photocathode
Window Material
Dynode
Base
Suitable Socket
nm
nm
—
mm dia.
—
—
—
—
—
300 to 900
600
Extended Red Multialkali
46
Borosilicate glass
Box and Grid
10
15-pin glass base
E678-15B (supplied)
Material
Minimum Effective Area
Structure
Number of Stages
PHOTOMULTIPLIER TUBE
R669
MAXIMUM RATINGS (Absolute Maximum Values)
Information furnished by HA MAM ATS U is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions. Specifications are
subject to change without notice. No patent rights are granted to any of the circuits described herein.
© 2001 Hamamatsu Photonics K.K.
Subject to local technical requirements and regulations, availability of products included in this promotional material may var y. Please consult with our sales office.
51 mm (2 Inch) Diameter, 10-stage, Head-On Type
Extended Red Multialkali Photocathode
CHARACTERISTICS (at 25
°C)
Parameter
Min.
Unit
Parameter
Value
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
1500
250
0.1
-80 to +50
V dc
V dc
mA
°C
Between Anode and Cathode
Between Anode and Last Dynode
Cathode Sensitivity
Anode Sensitivity
Gain
Anode Dark Current (after 30 min storage in darkness)
Time Response
Luminous (2856 K)
Radiant at 420 nm
Red/White Ratio (R-68)
Luminous (2856 K)
Radiant at 420 nm
Anode Pulse Rise Time
Electron Transit Time
140
—
—
20
—
—
—
—
—
230
50
0.35
75
1.7
× 104
3.3
× 105
7
9.0
70
µA/lm
mA/W
—
A/lm
A/W
—
nA
ns
ns
—
—
—
—
—
—
15
—
—
Typ.
Max.
NOTE: Anode characteristics are measured with the voltage distribution ratio shown below.
Supply Voltage: 1000 V dc, K: Cathode, Dy: Dynode, P: Anode
VOLTAGE DISTRIBUTION RATIO AND SUPPLY VOLTAGE
Electrodes
Ratio
K
G
Dy1
1
Dy2
1
Dy3
1
Dy4
Dy5
1
Dy6
1
Dy7
11
Dy8
Dy9
Dy10
P
11
11
1


Similar Part No. - R669

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R669 HAMAMATSU-R669_15 Datasheet
51Kb / 2P
51 mm (2 Inch) Diameter, 10-stage, Head-on Type Extended Red Multialkali Photocathode
More results

Similar Description - R669

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
R1464 HAMAMATSU-R1464 Datasheet
40Kb / 4P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_07 Datasheet
96Kb / 2P
PHOTOMULTIPLIER TUBE
R12199 HAMAMATSU-R12199_15 Datasheet
126Kb / 2P
PHOTOMULTIPLIER TUBE
R7154 HAMAMATSU-R7154_15 Datasheet
213Kb / 4P
PHOTOMULTIPLIER TUBE
R4124 HAMAMATSU-R4124_15 Datasheet
40Kb / 2P
PHOTOMULTIPLIER TUBE
R3998-02 HAMAMATSU-R3998-02_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R3896 HAMAMATSU-R3896_15 Datasheet
215Kb / 4P
PHOTOMULTIPLIER TUBE
R2496 HAMAMATSU-R2496_15 Datasheet
50Kb / 2P
PHOTOMULTIPLIER TUBE
R2257 HAMAMATSU-R2257_15 Datasheet
43Kb / 2P
PHOTOMULTIPLIER TUBE
R2078 HAMAMATSU-R2078_15 Datasheet
112Kb / 2P
PHOTOMULTIPLIER TUBE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com