Electronic Components Datasheet Search
  English  ▼

X  

R7154 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R7154
Description  PHOTOMULTIPLIER TUBE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7154 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R7154 Datasheet HTML 1Page - Hamamatsu Corporation R7154 Datasheet HTML 2Page - Hamamatsu Corporation R7154 Datasheet HTML 3Page - Hamamatsu Corporation R7154 Datasheet HTML 4Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PHOTOMULTIPLIER TUBE R7154
Supply Voltage
Between Anode and Cathode
Vdc
Between Anode and Last Dynode
Vdc
Average Anode CurrentA
mA
Ambient Temperature
°C
MAXIMUM RATINGS (Absolute Maximum Values)
1250
250
0.1
-80 to +50
Parameter
Rating
Unit
CHARACTERISTICS (at 25
°C)
Cathode sensitivity
Quantum Efficiency at 254 nm
Radiant at 254nm
Parameter
Max.
Typ.
Min.
Unit
—
—
30
62
—
—
%
mA/W
Anode Sensitivity
Radiant at 254nm
1.0
× 105 6.2 × 105
—
A/W
Time ResponseE
Anode Pulse Rise TimeH
Electron Transit TimeI
Transit Time Spread (TTS)J
—
—
—
2.2
22
1.2
—
—
—
Anode Current StabilityK
Light Hysteresis
Voltage Hysteresis
—
—
0.1
1.0
—
—
Gain
—
1.0
× 107
—
W
—
9.1
× 10-17
—
ENI (Equivalent Noise Input)G
Anode Dark CurrentF (After 30 minutes storage in the darkness)
—
ns
ns
ns
%
%
—
110
nA
NOTES
A: Averaged over any interval of 30 seconds maximum.
B: The light source is a tungsten filament lamp operated at a distribution
temperature of 2856K. Supply voltage is 100 volts between the cath-
ode and all other electrodes connected together as anode.
C: Red/White ratio is the quotient of the cathode current measured us-
ing a red filter(Toshiba R-68) interposed between the light source
and the tube by the cathode current measured with the filter removed
under the same conditions as Note B.
D: The value is cathode output current when a blue filter(Corning CS-5-
58 polished to 1/2 stock thickness) is interposed between the light
source and the tube under the same condition as Note B.
E: Measured with the same light source as Note B and with the voltage
distribution ratio shown in Table 1 below.
Table 1: Voltage Distribution Ratio
F: Measured with the same supply voltage and voltage distribution ratio
as Note E after removal of light.
G: ENI is an indication of the photon-limited signal-to-noise ratio. It re-
fers to the amount of light in watts to produce a signal-to-noise ratio
of unity in the output of a photomultiplier tube.
ENI =
where
q = Electronic charge (1.60
× 10-19 coulomb).
ldb = Anode dark current(after 30 minutes storage) in am-
peres.
G = Gain.
∆f = Bandwidth of the system in hertz. 1 hertz is used.
S = Anode radiant sensitivity in amperes per watt at the
wavelength of peak response.
H: The rise time is the time for the output pulse to rise from 10% to 90%
of the peak amplitude when the entire photocathode is illuminated by
a delta function light pulse.
2q·ldb·G·
∆f
S
Electrode
Distribution
Ratio
K Dy1 Dy2 Dy3 Dy4 Dy5 Dy6 Dy7 Dy8 Dy9 P
111111111
1
Supply Voltage=1000Vdc
K:Cathode
Dy:Dynode
P:Anode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com