Electronic Components Datasheet Search
  English  ▼

X  

GSBAV99W Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSBAV99W
Description  S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 0 . 1 5 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSBAV99W Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSBAV99W Datasheet HTML 1Page - E-Tech Electronics LTD GSBAV99W Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2004/09/24
REVISED DATE :
G
G S
S B
B A
AV
V 9999W
W
S
S U
U R
R F
F A
A C
C E
E M
M O
O U
U N
N T
T ,, S
S W
W II T
T C
C H
H II N
N G
G D
D II O
O D
D E
E
V O L T A G E 8 5 V, C U R R E N T 0 . 1 5 A
Description
The GSBAV99W is designed for ultra high speed switching.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
! :
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55 ~ +150
Maximum Peak Repetitive Reverse Voltage
VRRM
85
V
Maximum RMS Voltage
VRMS
60
V
Maximum DC Blocking Voltage
VDC
75
V
Peak Forward Surge Current at 1uSec
IFSM
4.0
A
Typical Junction Capacitance between Terminal (Note 1)
CJ
1.5
pF
Maximum Reverse Recovery Time(Note 2)
TRR
4.0
nSec
Maximum Average Forward Rectified Current
Io
0.15
A
Total Power Dissipation
PD
250
mW
Characteristics at Ta = 25 ::::
Characteristics
Symbol
Typ.
Unit
Test Condition
Maximum Instantaneous Forward Voltage
VF
1.25
V
IF = 150mA
Maximum Average Reverse Current
IR
1.0
uA
VR = 75V
Notes: 1. Measured at 1.0 MHz and applied reverse voltage of 0 volt.
2. Measured at applied forward current of 5mA and reverse voltage of 10.0 volt.
3. ESD sensitive product handling required.


Similar Part No. - GSBAV99W

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSBAV99W GTM-GSBAV99W Datasheet
155Kb / 2P
SURFACE MOUNT, SWITCHING DIODE
More results

Similar Description - GSBAV99W

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GD1SS355 ETL-GD1SS355 Datasheet
155Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 9 0 V, C U R R E N T 0 . 1 A
GDBAS16 ETL-GDBAS16 Datasheet
118Kb / 2P
S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 2 5 0mA
GDMBD4148 ETL-GDMBD4148 Datasheet
282Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GN202K ETL-GN202K Datasheet
173Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GS228U ETL-GS228U Datasheet
157Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSBAS16 ETL-GSBAS16 Datasheet
121Kb / 2P
S U R F A C E M O U N T , S W I T C H I N G D I O D E V O LTAG E 8 5 V, C U R R E N T 2 5 0mA
GSMBD4148 ETL-GSMBD4148 Datasheet
283Kb / 2P
S U R F A C E M O U N T, S WI T C H I N G D I O D E V O LTAG E 7 5 V, C U R R E N T 0 . 2 A
GSN202U ETL-GSN202U Datasheet
162Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSN217U ETL-GSN217U Datasheet
143Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
GSP202U ETL-GSP202U Datasheet
161Kb / 2P
S U R F A C E M O U N T , S WI T C H I N G D I O D E V O LTAG E 8 0 V, C U R R E N T 0 . 1 A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com