Electronic Components Datasheet Search
  English  ▼

X  

R7511 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # R7511
Description  PHOTOMULTIPLIER TUBES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

R7511 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  R7511 Datasheet HTML 1Page - Hamamatsu Corporation R7511 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PHOTOMULTIPLIER TUBES R7311, R7511
Supply Voltage: 1000Vdc, K: Cathode, Dy: Dynode, P: Anode
TPMS1038E02
JUL. 1998 SI
Printed in Japan (500)
VOLTAGE DISTRIBUTION RATIO
Between Anode and Cathode
Between Each Succeeding Electrode
Electrodes
Ratio
K
Dy1
1
Dy2
1
Dy3
1
Dy4
1
Dy5
1
Dy6
1
Dy7
1
Dy8
1
Dy9
11
P
Figure 2: Typical Gain Characteristics
TPMSB0088EB
Figure 3: Dimensional Outline and Basing Diagram (Unit: mm)
TPMSA0038EB
TACCA0063EA
Parameter
Unit
Supply Voltage
Average Anode Current
Ambient Temperature
Vdc
Vdc
mA
°C
Value
1250
150
0.01
-80 to +50
Parameter
Typ.
Min.
Unit
Cathode
Sensitivity
Anode
Sensitivity
Gain
Anode Dark Current
Time
Response
mA/W
%
%
A/W
A/W
—
nA
ns
ns
55
17.3
34.1
1.2
× 105
3.8
× 105
7.0
× 106
0.3
1.4
15
—
—
—
—
—
—
—
—
—
Max.
—
—
—
—
—
—
3
—
—
R7311
Typ.
Min.
26
26.5
—
5.2
× 104
—
2.0
× 106
0.3
1.4
15
—
—
—
—
—
—
—
—
—
Max.
—
—
—
—
—
—
3
—
—
R7511
Radiant
Quantum
Efficiency
Radiant
Anode Pulse
Rise Time
Electron
Transit Time
at 121.6nm
at 200nm
at 121.6nm
at 200nm
MAXIMUM RATINGS (Absolute Maximum Values)
CHARACTERISTICS (at 25
°C)
NOTE:
R7311 at 200nm, R7511 at 121.6nm
104
103
400
SUPPLY VOLTAGE (V)
105
106
107
108
600
800
1400
1000
1200
R7311
R7511
2
3
5
4
6
8
7
9
10
11
K
DY1
DY2
DY3
DY4
DY5
DY6
DY7
DY8
DY9
P
DIRECTION OF LIGHT
1
9.0
± 0.5
14.0
± 0.4
4MIN
11PIN BASE
PHOTOCATHODE
MgF2 WINDOW
BOTTOM VIEW
(BASING DIAGRAM)
Socket
(E678-11H)
24
18
2- 2.2
5.5
13
11
DIRECTION
OF LIGHT
HAMAMATSU PHOTONICS K.K., Electoron Tube Center
314-5, Shimokanzo, Toyooka-village, Iwata-gun, Shizuoka-ken, 438-0193, Japan, Telephone: (81)539/62-5248, Fax: (81)539/62-2205
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P. O. Box 6910, Bridgewater. N.J. 08807-0910, U.S.A., Telephone: (1)908-231-0960, Fax: (1)908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49)8152-375-0, Fax: (49)8152-2658
France: Hamamatsu Photonics France S.A.R.L.: 8, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: (33)1 69 53 71 00, Fax: (33)1 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limted: Lough Point, 2 Gladbeck Way, Windmill Hill, Enfield, Middlesex EN2 7JA, United Kingdom, Telephone: (44)181-367-3560, Fax: (44)181-367-6384
North Europe: Hamamatsu Photonics Norden AB: Färögatan 7, S-164-40 Kista Sweden, Telephone: (46)8-703-29-50, Fax: (46)8-750-58-95
Italy: Hamamatsu Photonics Italia: S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39)02-935 81 733, Fax: (39)02-935 81 741



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com