Electronic Components Datasheet Search
  English  ▼

X  

SMART3000SLT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART3000SLT
Description  SmartPro 3kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, Tower, USB, Serial, EPO 120V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART3000SLT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART3000SLT Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART3000SLT Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Front panel LEDs provide current monitoring, voltage regulation, battery charge level and battery warning information
UPS ships fully assembled in full compliance with DOT regulations; no time-consuming connection of internal batteries by user required
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
3000
Output kVA capacity (kVA)
3
Output Watt Capacity (watts)
2250
Output kW capacity
2.2
Output power factor
0.8
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18% / +8%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
6 5-15/20R outlet(s); 1 L5-30R outlet(s)
Output circuit breaker
20A branch rated (x2) - each breaker protects 3 5-15/20R outlets, L5-30R is unbreakered
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
Pure Sine wave
INPUT
Rated input current (at maximum
load)
20A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
L5-30P
Input circuit breaker
30A
UPS Input cord length (ft.)
10
UPS Input cord length (m)
3
Recommended Electrical Service
30A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
3.5 min. (2250w)
Half load runtime (minutes)
9 min. (1125w)
DC system voltage (VDC)
48
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com