Electronic Components Datasheet Search
  English  ▼

X  

GSMBT4076 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSMBT4076
Description  N P N E P I T A X I A L P L A N A R T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSMBT4076 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSMBT4076 Datasheet HTML 1Page - E-Tech Electronics LTD GSMBT4076 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
ISSUED DATE :2005/07/22
REVISED DATE :
G
G S
S M
M B
B T
T 44007766
N
N P
P N
N E
E P
P II T
T A
A X
X II A
A L
L P
P L
L A
A N
N A
A R
R T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBT4076 is designed for general purpose switching and amplifier applications.
Features
&Excellent hFE Linearity : hFE2=25 (Min.) @VCE=6v, IC=400mA
&Complementary to GSMBT2015
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
35
V
Collector to Emitter Voltage
VCEO
30
V
Emitter to Base Voltage
VEBO
5
V
Collector Current
IC
500
mA
Base Current
IB
50
mA
Total Power Dissipation
PD
250
mW
Electrical Characteristics (Ta = 25 )
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
35
-
-
V
IC=100uA , IE=0
BVCEO
30
-
-
V
IC=1mA, IB=0
BVEBO
5
-
-
V
IE=10uA ,IC=0
ICBO
-
-
100
nA
VCB=35V, IE=0
IEBO
-
-
100
nA
VEB=5V, IC=0
*VCE(sat)
-
-
250
mV
IC=100mA, IB=10mA
*VBE(sat)
-
-
1.2
V
IC=500mA, IB=50mA
*hFE1
70
-
240
VCE=1V, IC=100mA
*hFE2
25
-
-
VCE=6V, IC=400mA
fT
250
-
-
MHz
VCE=10V, IC=20mA, f=100MHz
Cob
-
-
6.5
pF
VCB=10V, IE=0, f=1MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%
Classification Of hFE
Rank
WO
WY
hFE1 Range
70 - 140
120 - 240
hFE2 Range
Min. 25
Min. 40


Similar Part No. - GSMBT4076

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSMBT4076 GTM-GSMBT4076 Datasheet
196Kb / 2P
NPN EPITAXIAL PLANAR TRANSISTOR
More results

Similar Description - GSMBT4076

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI42C ETL-GI42C Datasheet
146Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ42C ETL-GJ42C Datasheet
130Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ127 ETL-GJ127 Datasheet
174Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ772 ETL-GJ772 Datasheet
166Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GL4403 ETL-GL4403 Datasheet
162Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM1386 ETL-GM1386 Datasheet
292Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GM5401 ETL-GM5401 Datasheet
161Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GMBTA92 ETL-GMBTA92 Datasheet
203Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT1015 ETL-GSMBT1015 Datasheet
156Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GSMBT4403 ETL-GSMBT4403 Datasheet
157Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com