Electronic Components Datasheet Search
  English  ▼

X  

GSMBT8550 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSMBT8550
Description  P N P E P I T A X I A L T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSMBT8550 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSMBT8550 Datasheet HTML 1Page - E-Tech Electronics LTD GSMBT8550 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSMBT8550
Page: 1/2
ISSUED DATE :2005/08/31
REVISED DATE :
G
G S
S M
M B
B T
T 88555500
P
P N
N P
P E
E P
P II T
T A
A X
X II A
A L
L T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBT8550 is designed for general purpose amplifier applications.
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-25
V
Collector to Emitter Voltage
VCEO
-20
V
Emitter to Base Voltage
VEBO
-5
V
Collector Current
IC
-700
mA
Total Power Dissipation
PD
225
mW
Electrical Characteristics(Ta = 25 : ,unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-25
-
-
V
IC=-10uA, IE=0
BVCEO
-20
-
-
V
IC=-1mA, IB=0
BVEBO
-5
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-1
uA
VCB=-20V, IE=0
IEBO
-
-
-100
nA
VEB=-5V, IC=0
VCE(sat)
-
-
-500
mV
IC=-500mA, IB=-50mA
VBE(on)
-
-
-1
V
VCE=-1V, IC=-150mA
hFE
100
-
500
VCE=-1V, IC=-150mA
fT
150
-
-
MHz
VCE=-10V, IC=-20mA, f=100MHz
Cob
-
-
10
pF
VCB=-10V, f=1MHz
Classification Of hFE
Rank
B9C
B9D
B9E
Range
100 ~ 200
150 ~ 300
250 ~ 500


Similar Part No. - GSMBT8550

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSMBT8550 GTM-GSMBT8550 Datasheet
158Kb / 2P
PNP EPITAXIAL TRANSISTOR
More results

Similar Description - GSMBT8550

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GI42C ETL-GI42C Datasheet
146Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GI8550 ETL-GI8550 Datasheet
182Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GJ42C ETL-GJ42C Datasheet
130Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ127 ETL-GJ127 Datasheet
174Kb / 2P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ772 ETL-GJ772 Datasheet
166Kb / 3P
P N P E P I T A X I A L P L A N A R T R A N S I S T O R
GJ8550 ETL-GJ8550 Datasheet
130Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GM8550 ETL-GM8550 Datasheet
228Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GMBT8550 ETL-GMBT8550 Datasheet
226Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GMBT8550L ETL-GMBT8550L Datasheet
229Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
GMBT9012 ETL-GMBT9012 Datasheet
223Kb / 2P
P N P E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com