Electronic Components Datasheet Search
  English  ▼

X  

LD4606A Datasheet(PDF) 2 Page - NEC

Part # LD4606A
Description  30 GHz, 380 W CW, HIGH EFFICIENCY, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD4606A Datasheet(HTML) 2 Page - NEC

  LD4606A Datasheet HTML 1Page - NEC LD4606A Datasheet HTML 2Page - NEC LD4606A Datasheet HTML 3Page - NEC LD4606A Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD4606A
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency ………………………………………………
27.50 to 29.10 GHz
Output Power …………………………………………
380 W
Heater Voltage …………………………………………
4.3 V
Heater Current …………………………………………
2.5 A
Type of Cathode ………………………………………
Indirectly Heated, Impregnated
MECHANICAL
Dimensions ……………………………………………
See Outline
Focusing
………………………………………………
Permanent Magnet
Electrical Connections
Heater ………………………………………………
AMP (861647-8) Receptacle
Heater-Cathode ……………………………………
AMP (861647-8) Receptacle
Body, Collector ……………………………………
AMP (861647-8) Receptacle
RF Connections
Input …………………………………………………
Mates with FUBR-260
Output ………………………………………………
Mates with FUBR-260
Mounting Position ……………………………………
Vertical (Cathode down)
Weight …………………………………………………
45 kg approx.
Cooling
Gun
…………………………………………………
Forced Air
Collector ……………………………………………
Forced Air
Body …………………………………………………
Forced Air
Cavity Tuning Method ………………………………
Hand Tuning
ABSOLUTE RATINGS ( Note 1, 2 and 3 )
ELECTRICAL
Min.
Max.
Unit
Heater Voltage …………………………………………
3.5
5.5
V
Heater Surge Current
………………………………
–
5.5
A
Heater Warm-up Time ………………………………
300
–
s
Body Voltage
…………………………………………
–
9.5
kV
Collector Voltage ………………………………………
–
9.0
kV
Beam Current …………………………………………
–
400
mA
Body Current
…………………………………………
–
20
mA
Collector Current ………………………………………
–
400
mA
DC Input Power ………………………………………
–
2.5
kW
Load VSWR
Normal Value ………………………………………
–
1.2
Instantaneous Value ………………………………
–
1.5
MECHANICAL
Collector Temperature ………………………………
–
200
°C
Cooling Air Temperature ……………………………
–10
45
°C
Air Flow for Collector Body and Gun
……………
238
–
kg/hr
Ambient Temperature
Operating ……………………………………………
–10
45
°C
Storage ………………………………………………
–40
70
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com