Electronic Components Datasheet Search
  English  ▼

X  

RHT03 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RHT03
Description  Digital relative humidity & temperature sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RHT03 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RHT03 Datasheet HTML 1Page - List of Unclassifed Manufacturers RHT03 Datasheet HTML 2Page - List of Unclassifed Manufacturers RHT03 Datasheet HTML 3Page - List of Unclassifed Manufacturers RHT03 Datasheet HTML 4Page - List of Unclassifed Manufacturers RHT03 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Y
our specialist in innovating humidity & temperature sensors
- 4 -
2). Step 2: RHT03 send data to MCU
When RHT03 is sending data to MCU, every bit's transmission begin with low-voltage-level that last 50us, the
following high-voltage-level signal's length decide the bit is "1" or "0". See below figures:
Attention:
If signal from RHT03 is always high-voltage-level, it means RHT03 is not working properly, please check the
electrical connection status.
7. Electrical Characteristics:
Items
Condition
Min
Typical
Max
Unit
Power supply
DC
3.3
5
6
V
Measuring
1
1.5
mA
Current supply
Stand-by
40
Null
50
uA
Collecting
period
Second
2
Second
8. Attentions of application:
(1) Operating and storage conditions
We don't recommend the applying RH-range beyond the range stated in this specification. The RHT03 sensor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com