Electronic Components Datasheet Search
  English  ▼

X  

GSMBTA64 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GSMBTA64
Description  P N P S I L I C O N T R A N S I S T O R
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GSMBTA64 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GSMBTA64 Datasheet HTML 1Page - E-Tech Electronics LTD GSMBTA64 Datasheet HTML 2Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSMBTA56
Page: 1/2
ISSUED DATE :2005/08/31
REVISED DATE :
G
G S
S M
M B
B T
TA
A6644
P
P N
N P
P S
S II L
L II C
C O
O N
N T
T R
R A
A N
N S
S II S
S T
T O
O R
R
Description
The GSMBTA64 is designed for application requiring extremely high current gain at collector to 500mA.
Features
&High D.C. Current Gain
&Complementary to GSMBTA14
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.80
1.10
L1
0.42 REF.
A1
0
0.10
L
0.15
0.35
A2
0.80
1.00
b
0.25
0.40
D
1.80
2.20
c
0.10
0.25
E
1.15
1.35
e
0.65 REF.
HE
1.80
2.40
Q1
0.15 BSC.
Absolute Maximum Ratings at Ta = 25 ::::
Parameter
Symbol
Ratings
Unit
Junction Temperature
Tj
+150
Storage Temperature
Tstg
-55~+150
Collector to Base Voltage
VCBO
-30
V
Collector to Emitter Voltage
VCEO
-30
V
Emitter to Base Voltage
VEBO
-10
V
Collector Current
IC
-500
mA
Total Power Dissipation
PD
225
mW
Electrical Characteristics(Ta = 25 : ,unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
-30
-
-
V
IC=-100uA, IE=0
BVCEO
-30
-
-
V
IC=-100uA, IB=0
BVEBO
-10
-
-
V
IE=-10uA, IC=0
ICBO
-
-
-100
nA
VCB=-30V, IE=0
IEBO
-
-
-100
nA
VEB=-10V, IC=0
*VCE(sat)
-
-
-1.5
V
IC=-100mA, IB=-0.1mA
*VBE(on)
-
-
-2
V
VCE=-5V, IC=-100mA
*hFE1
10K
-
-
VCE=-5V, IC=-10mA
*hFE2
20K
-
-
VCE=-5V, IC=-100mA
fT
125
-
-
MHz
VCE=-5V, IC=-100mA, f=100MHz
* Pulse Test: Pulse Width 380 s, Duty Cycle 2%


Similar Part No. - GSMBTA64

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSMBTA64 GTM-GSMBTA64 Datasheet
210Kb / 2P
PNP SILICON TRANSISTOR
More results

Similar Description - GSMBTA64

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GE13003 ETL-GE13003 Datasheet
472Kb / 4P
N P N S I L I C O N P O W E R T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GM4672 ETL-GM4672 Datasheet
203Kb / 2P
N P N E P I T A X I A L S I L I C O N T R A N S I S T O R
GMA06 ETL-GMA06 Datasheet
222Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GMBTA05 ETL-GMBTA05 Datasheet
227Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSC1473A ETL-GSC1473A Datasheet
139Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA05 ETL-GSMBTA05 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA06 ETL-GSMBTA06 Datasheet
211Kb / 2P
N P N S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
P N P S I L I C O N T R A N S I S T O R
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com