Electronic Components Datasheet Search
  English  ▼

X  

592-9012 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 592-9012
Description  C L A S S 2 T R ANS FORME R S
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

592-9012 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  592-9012 Datasheet HTML 1Page - List of Unclassifed Manufacturers 592-9012 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.stancor.com

C l A S S 2 T R A N S F O R M E R S
D
H
W
MW
3.00
.187 DIA.
2 HOLES
T50-24C3, T60-24C3, T75-24C3, T100-25C1, T100-25C2
SCHEMATIC
120V
YEL
BLU
24VAC
COM
COM
BLK
208V
RED
WHT
240V
ORG
CB
2.19
H
MW
W
.187 DIA.
2 HOLES
D
T40-24M1, T40-24M2, T40-24M3, T50-24M3
120V
SCHEMATIC
YEL
BLU
24VAC
COM
COM
BLK
208V
RED
WHT
240V
ORG
GRN
GND
120V
SCHEMATIC
24V
COM
COM
BLK
208V
RED
WHT
240V
ORG
GND
D
2.19
H
W
MW
.187 DIA.
2 HOLES
T40-24S1, T40-24S2, T40-24S3, T50-24S3
SCREW TERMINALS
GRN
120V
SCHEMATIC
YEL
BLU
24V, 40VA
24VAC
COM
COM
BLK
208V
RED
WHT
240V
ORG
.187 DIA.
2 HOLES
D
MW
H
W
.219
T4024F1, T40-24F2, T40-24F3, T50-24F3
Fseries:T4024F1,T40-24F2,T40-24F3,T50-24F3
cseries:T50-24c3,T60-24c3,T75-24c3,T100-25c1,T100-25c2
mseries:T40-24m1,T40-24m2,T40-24m3,T50-24m3
sseries:T40-24s1,T40-24s2,T40-24s3,T50-24s3
•likepolarity



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com