Electronic Components Datasheet Search
  English  ▼

X  

SMART5000TEL3U Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMART5000TEL3U
Description  SmartPro 5kVA Line Interactive Sine Wave UPS SNMPWEBCARD option, 3U Rack/Tower, USB
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART5000TEL3U Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART5000TEL3U Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART5000TEL3U Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART5000TEL3U Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART5000TEL3U Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART5000TEL3U Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART5000TEL3U Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UPS Shipping dimensions (height x
width x depth / inches)
11.2 x 23 x 31.5
UPS Shipping dimensions (height x
width x depth / cm)
28.6 x 58.4 x 80
Shipping weight (lbs)
181.9
Shipping weight (kg)
82.6
Cooling method
Fan
UPS housing material
Steel
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
366
AC mode efficiency rating (100%
load)
97%
COMMUNICATIONS
Communications interface
USB; DB9 Serial; EPO (emergency power off); Slot for SNMP/Web interface
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB and DB9 cabling included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
7 milliseconds (AC to Battery), 1 millisecond (Battery to AC)
Low voltage transfer to battery
power (setpoint)
167
High voltage transfer to battery
power (setpoint)
260
SPECIAL FEATURES
Grounding lug
Back panel grounding lug
Cold Start (startup in battery mode
during a power failure)
Cold-start operation supported
High availability UPS features
Hot swappable batteries
Green & high efficiency features
Greater than 95% efficiency - GREEN UPS
CERTIFICATIONS
4 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com