Electronic Components Datasheet Search
  English  ▼

X  

PA0802 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PA0802
Description  HIGH FREQUENCY PLANAR TRANSFORMERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA0802 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PA0802 Datasheet HTML 1Page - Pulse A Technitrol Company PA0802 Datasheet HTML 2Page - Pulse A Technitrol Company PA0802 Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
90
SPM2007 (11/07)
HIGH FREQUENCY PLANAR
TRANSFORMERS
PA08XXNL Series (up to 140W)
1. The above transformers have been tested and approved by
Pulse's IC partners and are cited in the appropriate datasheet
or evaluation board documentation at these companies. To
determine which IC and IC companies are matched with the
above transformers, please refer to the IC cross reference on
the Pulse web page. See the Spyglass transfomer matrix on the
next page for other winding configurations that can be made
available.
2. To determine if the transformer is suitable for your application,
it is necessary to ensure that the temperature rise of the
component (ambient plus temperature rise) does not exceed
its operating temperature. To determine the approximate
temperature rise of the transformer, refer to the graphs below.
Notes
Temperature Rise vs. Power (W) Dissipation
Total Power (W) Dissipation
0
20
40
60
80
100
120
01
2
3
4
5
6
7
Core Loss vs. Flux Density
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
500
1000
1500
2000
2500
DB (Gauss)
100kHz
200kHz
300kHz
400kHz
500kHz
600kHz
700kHz
DB = 180E3 * Vin_min * Dutycycle_max / (Freq_kHz * Pri_Turns)
PRI A
PRI B
2
4
8
9
1T
PA0811 / 12 / 13 / 14 / 15
7
1T
3
5
1
6
PRI AUX
(optional)
10
11
1T
A3
2
4
PRI A
PA0806 / 07 / 08 / 09 / 10
3
5
PRI B
1
6
PRI AUX
(optional)
10
11
1T
7
8
1T
A2
2
4
PRI A
PA0801 / 02 / 03 / 04 / 05
3
5
PRI B
1
6
PRI AUX
(optional)
8
9
1T
7
1T
10
11
1T
1T
A1
Schematics



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com