Electronic Components Datasheet Search
  English  ▼

X  

ST711059 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST711059
Description  RATING: 0.4VA MAX. @20V MAX. AC OR DC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST711059 Datasheet(HTML) 1 Page - E-SWITCH

  ST711059 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700CSP7B60M7REH
2:1
4/14/05
ST711059
A
JEB
1
1
P.C. MOUNTING
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
1-2
2-3
2
13
CIRCUIT: SPDT
A
15972
RELEASED FOR PRODUCTION
4/19/06
BK
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: GOLD
5. RATING: 0.4VA MAX. @20V MAX. AC OR DC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 MEGA-OHM MIN.
8. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
9. OPERATING TEMP.: -30°C to 85°C
10. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT.
1.02
[.040 in]
.67
[.026 in]
12.70
[.500 in]
6.48
[.255 in]
7.62
[.300 in]
n2.95
[.116 in]
KEYWAY
1
2
3
3
13.70
[.539 in]
5.08
[.200 in]
n1.85
[.073 in]
3.80
[.150 in]
5.08
[.200 in]
1.22
[.048 in]
13.70
[.539 in]
3.81
[.150 in]
.76
[.030 in]
1.27
[.050 in]
1/4-20 UNS-2A
THREADS
.51
[.020 in]
3.18
[.125 in]
700CSP7B60M7RE
(T711059)


Similar Part No. - ST711059

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST711050 E-SWITCH-ST711050 Datasheet
179Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711052 E-SWITCH-ST711052 Datasheet
172Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711053 E-SWITCH-ST711053 Datasheet
172Kb / 1P
ALL DIMENSIONS IN MM [INCH]
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711056 E-SWITCH-ST711056 Datasheet
115Kb / 1P
RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
More results

Similar Description - ST711059

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
200USP1T1A1M2RE E-SWITCH-200USP1T1A1M2RE Datasheet
144Kb / 3P
Electrical Rating: 0.4VA, 20V Max. (AC or DC)
logo
CUI INC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
logo
E-SWITCH
ST711055 E-SWITCH-ST711055 Datasheet
113Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST711057 E-SWITCH-ST711057 Datasheet
115Kb / 1P
RATING: 0.4VA MAX. @20V MAX. AC OR DC
ST750101 E-SWITCH-ST750101 Datasheet
119Kb / 1P
RATING: 0.4 VOLT-AMPS MAX. @20V MAX AC OR DC
logo
Murata Manufacturing Co...
1255AY-220M MURATA-1255AY-220M Datasheet
726Kb / 2P
Max. of DC resistance
A914BYW-220M MURATA-A914BYW-220M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-3R3M MURATA-A915AY-3R3M Datasheet
725Kb / 2P
Max. of DC resistance
A915AY-4R7M MURATA-A915AY-4R7M Datasheet
725Kb / 2P
Max. of DC resistance
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com