Electronic Components Datasheet Search
  English  ▼

X  

LD7202B Datasheet(PDF) 1 Page - NEC

Part # LD7202B
Description  14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7202B Datasheet(HTML) 1 Page - NEC

  LD7202B Datasheet HTML 1Page - NEC LD7202B Datasheet HTML 2Page - NEC LD7202B Datasheet HTML 3Page - NEC LD7202B Datasheet HTML 4Page - NEC LD7202B Datasheet HTML 5Page - NEC LD7202B Datasheet HTML 6Page - NEC LD7202B Datasheet HTML 7Page - NEC LD7202B Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Document No. ET0141EJ2V1DS00 (2nd edition)
Date Published August 1998 M
Printed in Japan
14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
The information in this document is subject to change without notice.
©
1989(1995)
HIGH POWER TRAVELING WAVE TUBE
FOR GROUND TERMINALS
LD7202 SERIES
For safe use of microwave tubes, refer to NEC document “Safety instructions to all personnel
handling electron tubes” (ET0048EJ
∗V∗UM00)
GENERAL DESCRIPTION
NEC LD7202 series of PPM-focused traveling wave tubes are designed for use as final amplifiers tube in the
earth-to-satellite communications transmitter.
These are capable of delivering an output power of 600W over the range of 12.75 to 14.5 GHz and provide a high
power gain of 52 dB at 600 W output power.
Furthermore, they are of rugged and reliable design offering long-life service.
The LD7202 is fully compatible with TH3591B.
FEATURES
™ High Power Gain
The power gain is typically 52 dB at 600 W level.
™ Simple Cooling System
The tubes are forced-air-cooled, so that the cooling systems are greatly simplified.
™ PPM Focusing
All the tubes are PPM (Periodic Permanent Magnet)-focused, eliminating entirely the focusing power supplies
and interlock circuits.
™ Rugged Construction
The tubes are designed to be rugged, therefore they are suitable for transportable systems.
™ Long Life and High Stability
The tubes employ an advanced impregnated cathode with a low operating temperature for long life.
™ Microdischarge Free
The tubes are carefully designed to be free from microdischarge in the electron gun for long term operation,
therefore they are suitable for use in digital communication service.


Similar Part No. - LD7202B

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7213L NEC-LD7213L Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215C NEC-LD7215C Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215D NEC-LD7215D Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
More results

Similar Description - LD7202B

ManufacturerPart #DatasheetDescription
logo
NEC
LD7213 NEC-LD7213 Datasheet
46Kb / 4P
14 GHz, 300 W CW, CONDUCTION COOLING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215 NEC-LD7215 Datasheet
92Kb / 4P
6 GHz, 3 kW, HELIX TYPE, PPM FOCUSING, HIGH POWER GAIN, FLAT GAIN VARIATION
LD7215W NEC-LD7215W Datasheet
72Kb / 6P
6 GHz, 3 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7217 NEC-LD7217 Datasheet
48Kb / 4P
6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7237 NEC-LD7237 Datasheet
62Kb / 8P
DBS Band, 400 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7249 NEC-LD7249 Datasheet
73Kb / 6P
14 GHz, 350 W/400 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7260 NEC-LD7260 Datasheet
62Kb / 6P
6 GHz, 2.25 kW CW, PPM FOCUSING, HIGH POWER GAIN
LD7261 NEC-LD7261 Datasheet
60Kb / 6P
20 GHz, 250 W CW, PPM FOCUSING, HIGH POWER GAIN
LD7263 NEC-LD7263 Datasheet
56Kb / 6P
14 GHz, 750 W CW, CONDUCTION COOLING, HIGH POWER GAIN
LD7710 NEC-LD7710 Datasheet
124Kb / 4P
14GHz, 40 W CW PPM FOCUSING, MINIMUM SIZE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com