Electronic Components Datasheet Search
  English  ▼

X  

SLMD121H4 Datasheet(PDF) 5 Page - IXYS Corporation

Part # SLMD121H4
Description  IXOLAR High Efficiency SolarMD
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

SLMD121H4 Datasheet(HTML) 5 Page - IXYS Corporation

  SLMD121H4 Datasheet HTML 1Page - IXYS Corporation SLMD121H4 Datasheet HTML 2Page - IXYS Corporation SLMD121H4 Datasheet HTML 3Page - IXYS Corporation SLMD121H4 Datasheet HTML 4Page - IXYS Corporation SLMD121H4 Datasheet HTML 5Page - IXYS Corporation SLMD121H4 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions
© 2010 IXYS All rights reserved
IXYS KOREA LTD.
5
IXYS Corporation
906-5 Iui-dong, Yeongtong-Gu, Suwon, Gyeonggi-Do (Korea)
1590 Buckeye Drive, Milpitas, CA 95035-7418
Phone +82-31-888-5232, Fax +82-31-888-5233
Rev. Jan. 2011
Phone (408) 457-9000, Fax 408-496-0670
SolarMD Description
SolarMD is made of monocrystalline, high-efficiency solar cells in a surface mountable package.
They’re robust and can be used in harsh environments. Solar cells used in SolarMD have a very
high (22%) power conversion efficiency, which means that 22% of the light energy is converted
into electrical energy. They’re extremely useful in applications requiring solar power generation in
a limited space.
Monocrystalline cells can be used in indoor and outdoor applications because they have a wide
spectral sensitivity, 300 to 1100 nm. However, the output power of a solar cell is proportional
(over a wide range) to the incoming light energy, and irradiance is generally much higher
outdoors. The values in the data sheet are measured at “standard condition” of 1 sun, which is
equal to 1000W per square meter sunlight irradiance at a defined light spectrum (air mass of 1.5)
and 25°C cell temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com