Electronic Components Datasheet Search
  English  ▼

X  

SM312LP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM312LP
Description  Self-contained photoelectric sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM312LP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM312LP Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312LP Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312LP Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Installation
Guide
MINI-BEAM® dc-Voltage Series
Sensor Features
(shown with gasketed acrylic cover removed)
Gain (Sensitivity) Adjustment Screw
Alignment Indicator Device (AID)*
Light/Dark Operate Select Switch
Clockwise: Light Operate
(outputs conduct when sensing
light is received).
Counterclockwise: Dark Operate
(outputs conduct when sensing
light is not received).
*U.S. Patent no. 4356393
NOTE: Please observe proper ESD precautions (grounding)
when adjusting gain pot or LO/DO switch.
Models with suffix E, EL, EPD, R, RL, RPD, LV, LVAG, LP,
D, C, C2, CV, CV2, CVG, CV2G, CVB, and CV2B
12.2 mm (0.48")
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
M18 x 1 x 15 mm Thread
(Mounting Nut Supplied)
3.2 mm (0.13")
53.3 mm (2.10")
27.4 mm (1.08")
30.7 mm
(1.21")
24.1 mm
(0.95")
2 m (6.5') Cable
19.1 mm (0.75")
18.0 mm (0.71")
ø 3 mm Clearance (2)
Bezel
39.1 mm
(1.54")
13.2 mm (0.52")
Models with suffix DBZ and W
M18 x 1 x 19 mm Thread
(Mounting Nut Supplied)
57.5 mm (2.27")
31.2 mm (1.23")
Fiber Optic Fitting
Models with suffix F, FV, FVB, and FVG
Models with suffix FP, FPB, FPG, and FPH
42.1 mm
(1.66")
Fiber
Optic
Fitting
22.3 mm
(0.88")
12.2 mm (0.48")
Mounting Peg
(ø 6.3 mm x 2.5 mm)
ø 3 mm Clearance (2)
3.2 mm (0.13")
30.7 mm
(1.21")
24.1 mm
(0.95")
2 m (6.5') Cable
19.1 mm
(0.75")
16.2 mm
(0.64")
Dimensions
QD Models
20.0 mm
(0.79")
12 mm Thread
Quick-disconnect



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com