Electronic Components Datasheet Search
  English  ▼

X  

54D Datasheet(PDF) 1 Page - DB Lectro Inc

Part # 54D
Description  PCB Mount / EMF
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

54D Datasheet(HTML) 1 Page - DB Lectro Inc

  54D Datasheet HTML 1Page - DB Lectro Inc 54D Datasheet HTML 2Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS
PRODUCT DESCRIPTIONS
The 54D Series is a relay specially designed to reduce
thermal offset voltage generated by the relay. We especially
provide the series to the low voltage environment and board
measurement applications for VXI/PXI. We offer a variety of
package styles such as standard and smaller sized ones to
fit your application needs.
We also provide customization service for your specific
requirements.
54D Series
54D Series
54D-2E21N2
Low Thermal
Parameters
Units
2 Form C
Test Conditions
Coil Specifications
Nominal Coil Voltage
Coil Resistance
Operate Voltage
Release Voltage
VDC
Ω
VDC Max
VDC Min
12.0
500
8.5
1.2
±10% @ 20˚C
15˚C to 35˚C
15˚C to 35˚C
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Life Expectancy
Contact Resistance
Contact Resistance Stability
Volts
Amps
Amps
Watts
x106 Cycle
mΩ
mΩ
100
0.5
1.0
10
1000
150
5.0
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
Max DC/Peak AC resistance
@ 1V 10mA
Max initial @ operate voltage
Max initial @ operate voltage
Relay Specifications
Insulation Resistance
Dielectric Strength
Operate Time
(Including Bounce)
Release Time
Thermal EMF
Ω Min
VDC Min
VDC Min
VDC Min
msec Max
msec Max
μV-Max
1012
200
200
200
1.0
1.0
50.0
Between all isolated pins
@ 100V 20˚C 40%RH
Between contacts
Contacts to shield
Contacts/Shield to coil
@ nominal coil voltage
100Hz square wave
Diode suppression
Test after rated voltage applied for 15 minutes
Environmental Ratings
Measurement Reference Conditions
Temp: 15˚C to 35˚C
Humidity: 25% to 75%RH
Atmospheric Pressure: 860 to 1060hpa
Storage temp: -40˚C to +85˚C
Operate temp: -20˚C to +80˚C
Vibration: 20G’s to 2000Hz
Shock: 50G’s
PCB Mount / EMF
55


Similar Part No. - 54D

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
54D YUANDEAN-54D Datasheet
267Kb / 2P
DC-DC Converter
54D-05D05CN YUANDEAN-54D-05D05CN Datasheet
267Kb / 2P
DC-DC Converter
54D-05S05CN YUANDEAN-54D-05S05CN Datasheet
267Kb / 2P
DC-DC Converter
54D-09D09CN YUANDEAN-54D-09D09CN Datasheet
267Kb / 2P
DC-DC Converter
54D-09S09CN YUANDEAN-54D-09S09CN Datasheet
267Kb / 2P
DC-DC Converter
More results

Similar Description - 54D

ManufacturerPart #DatasheetDescription
logo
Coto Technology
3501-05-1-0 COTO-3501-05-1-0 Datasheet
337Kb / 2P
Low Thermal EMF Reed Relays
logo
Allen-Bradley
CU3 ALLEN-BRADLEY-CU3 Datasheet
78Kb / 2P
Back EMF Monitors
logo
Extech Instruments Corp...
480836 EXTECH-480836 Datasheet
712Kb / 16P
RF EMF Strength Meter
logo
Fuji Electric
EDS8-1F FUJI-EDS8-1F Datasheet
110Kb / 4P
FC SERIES EMF TRANSMITTER
EDS9-1J FUJI-EDS9-1J Datasheet
221Kb / 4P
FC SERIES EMF CONVERTER
logo
Schurter Inc.
0041.2301 SCHURTER-0041.2301 Datasheet
1Mb / 7P
Illuminated pushbutton EMF
logo
DB Lectro Inc
53W DBLECTRO-53W Datasheet
676Kb / 2P
PCB Mount /EMF
logo
Extech Instruments Corp...
480826 EXTECH-480826_15 Datasheet
174Kb / 1P
Triple Axis EMF Tester
480836 EXTECH-480836_15 Datasheet
111Kb / 1P
RF EMF Strength Meter
logo
TT Electronics.
LRMA TTELEC-LRMA Datasheet
679Kb / 3P
Low thermal EMF version
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com