Electronic Components Datasheet Search
  English  ▼

X  

SM312C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SM312C
Description  Self-contained photoelectric sensors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM312C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SM312C Datasheet HTML 1Page - List of Unclassifed Manufacturers SM312C Datasheet HTML 2Page - List of Unclassifed Manufacturers SM312C Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MINI-BEAM® dc-Voltage Series
Self-contained photoelectric sensors
Sensing Mode
Range
LED
Model*
Opposed Emitter
3 m (10')
Infrared
880 nm
SM31E
Opposed Receiver
SM31R
Opposed Emitter - Long Range
30 m (100')
SM31EL
Opposed Receiver -
Long Range
SM31RL
Opposed Emitter
Clear Plastic Detection
0 to 300 mm (0 to 12")
Actual range varies,
depending on the light
transmission properties
of the plastic material
being sensed.
Visible Red
650 nm
SM31EPD
Opposed Receiver
Clear Plastic Detection
SM31RPD
Non-Polarized
Retroreflective
5 m (15')
SM312LV
Polarized
Retroreflective
50 mm to 2 m
(2" to 7')
SM312LVAG
Extended-Range
Polarized Retroreflective
10 mm to 3 m
(0.4" to 10')
SM312LP
Diffuse
380 mm (15")
Infrared
880 nm
SM312D
300 mm (12")
SM312DBZ
Divergent Diffuse
130 mm (5")
SM312W
Convergent
16 mm (0.65") Focus
SM312C
43 mm (1.7") Focus
SM312C2
16 mm (0.65") Focus
Visible Red
650 nm
SM312CV
43 mm (1.7") Focus
SM312CV2
16 mm (0.65") Focus
Visible Blue
475 nm
SM312CVB
49 mm (1.9") Focus
SM312CV2B
16 mm (0.65") Focus
Visible Green
525 nm
SM312CVG
49 mm (1.9") Focus
SM312CV2G
Glass Fiber Optic
Range varies, depending
on sensing mode and
fiber optics used.
Infrared
880 nm
SM312F
Visible Red
650 nm
SM312FV
Visible Blue
475 nm
SM312FVB
Visible Green
525 nm
SM312FVG
Plastic Fiber Optic
Visible Red
650 nm
SM312FP
Visible Blue
475 nm
SM312FPB
Visible Green
525 nm
SM312FPG
Special High-Power Option
Plastic Fiber Optic
Visible Red
650 nm
SM312FPH
*Standard 2 m (6.5') cable models are listed.
• 9 m (30') cable: add suffix “W/30” (e.g., SM31EW/30).
• 4-pin Euro QD models: add suffix “QD” (e.g., SM31EQD).
• 150 mm (6") QD Pigtail: add suffix “QDP” (e.g., SM31EQDP).
For 0.3 ms response: add suffix “MHS” (eg., SM31EMHS).
All Other Models
with Attached Cable
All Other Models with Quick Disconnect
(4-Pin Euro-Style)
bn
wh
bu
+
–
bk
10-30V dc
bn
wh
bu
+
–
bk
Load
Load
10-30V dc
Emitters with Attached Cable
Emitters with Quick Disconnect
(4-Pin Euro-Style)
bn
bu
+
–
dc mb-emitter w/cable.eps
10-30V dc
bn
wh
bu
+
–
bk
Load
Load
10-30V dc
NOTES: Output Type for all models is
Bipolar NPN/PNP. Load
150 mA max., each output.
Convergent-mode
sensor
Glass Fiber
Optic sensor


Similar Part No. - SM312C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM312C ETC2-SM312C Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312C ETC2-SM312C Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
SM312C ETC2-SM312C Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
logo
Banner Engineering Corp...
SM312C BANNER-SM312C Datasheet
582Kb / 10P
DC Voltage Series
logo
List of Unclassifed Man...
SM312C2 ETC2-SM312C2 Datasheet
607Kb / 6P
MINI-BEAM dc-Voltage Series
More results

Similar Description - SM312C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM31E ETC2-SM31E Datasheet
353Kb / 8P
Self-contained DC-operated Opposed Mode Sensors
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
SM312DQD ETC2-SM312DQD Datasheet
315Kb / 8P
Self-contained DC-operated Diffuse Mode Sensors
MQDC-315 ETC2-MQDC-315 Datasheet
257Kb / 8P
Self-contained AC-operated Convergent Mode Sensors
SBF1 ETC2-SBF1 Datasheet
161Kb / 5P
Compact modular self-contained photoelectric sensing controls
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com