Electronic Components Datasheet Search
  English  ▼

X  

MIC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MIC
Description  Micro EM Clutch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MIC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MIC Datasheet HTML 1Page - List of Unclassifed Manufacturers MIC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
d
686868
24
Release Time² [ms]
6
MIC
Static Torque [in-lbs / N-m]
Coil
(20°C)
Voltage [DC-V]
Resistance [Ω]
Wattage [W]
Bore [mm]
Armature
Pull-In Time² [ms]
20
Micro EM Clutch
Types: 2.5, 5, 8
172
3.4
5E
4.4 / 0.5
2.5E
2.2 / 0.25
3.8
3.8
150
150
30
25
[ EM: Electromagnet ]
810
┌────────────────
[ Special Order ]────────────────┐
8E
7.1 / 0.8
MIC-E
d
6
8
6
8
6
8
t
5
6.5
5
6.5
5
6.5
A
B
C
E
F
G
H
J
K
L
[ Note 1 : Gear shown for reference only - to be supplied with custom gear or hub ]
[ 1" = 25.4mm ]
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271 - 7361
4.5
0.21 / 0.10
26
8
Dimensions
[mm]
3.2
0.5
8
18
36
8
Weight [lbs / kg]
29
Bore [mm]
0.12 / 0.05
0.5
2.6
8
2
5
4
23
3.2
8
0.26 / 0.12
3.2
4.5
23
36
2.6
8
0.5
8
34.2
8
30
MIC-E


Similar Part No. - MIC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MIC VISHAY-MIC Datasheet
108Kb / 3P
Thin Film Microwave Resistor
14-Mar-08
logo
Cooper Bussmann, Inc.
MIC-1 COOPER-MIC-1 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
logo
List of Unclassifed Man...
MIC-1 ETC1-MIC-1 Datasheet
375Kb / 2P
fast-acting supplemental fuses
logo
Cooper Bussmann, Inc.
MIC-10 COOPER-MIC-10 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
MIC-15 COOPER-MIC-15 Datasheet
375Kb / 2P
MIC 13??2? x 1-1/2? 250Vac pin indicating fast-acting supplemental fuses
More results

Similar Description - MIC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AMC ETC-AMC Datasheet
104Kb / 1P
Micro EM Clutch
AMU-C ETC-AMU-C Datasheet
86Kb / 1P
Micro EM Clutch/Brake Unit
CT ETC-CT Datasheet
85Kb / 1P
Self-Adjusting EM Clutch
HC ETC-HC Datasheet
204Kb / 1P
EM Hysteresis Clutch
MMC ETC-MMC Datasheet
248Kb / 1P
EM Clutch
MMC-70E ETC-MMC-70E Datasheet
255Kb / 1P
EM Clutch
MP ETC-MP Datasheet
122Kb / 1P
Micro EM Clutch/Brake Unit
MZ ETC-MZ Datasheet
132Kb / 1P
EM Tooth Clutch
MZ-100 ETC-MZ-100 Datasheet
171Kb / 1P
EM Tooth Clutch
VCE ETC2-VCE Datasheet
310Kb / 8P
EM Clutch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com