Electronic Components Datasheet Search
  English  ▼

X  

LD7202L Datasheet(PDF) 3 Page - NEC

Part # LD7202L
Description  14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7202L Datasheet(HTML) 3 Page - NEC

  LD7202L Datasheet HTML 1Page - NEC LD7202L Datasheet HTML 2Page - NEC LD7202L Datasheet HTML 3Page - NEC LD7202L Datasheet HTML 4Page - NEC LD7202L Datasheet HTML 5Page - NEC LD7202L Datasheet HTML 6Page - NEC LD7202L Datasheet HTML 7Page - NEC LD7202L Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LD7202 SERIES
ABSOLUTE RATINGS (Note 2, 3 and 4)
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ..................................................................
5.5
6.5
V
Heater Surge Current ......................................................
–
4.5
A
Heater Current ..................................................................
–
3
A
Heater Warm-up Time .....................................................
300
–
s
Collector Voltage∗ ............................................................
4.75
6.2
kV
Collector Current ..............................................................
–
425
mA
Helix Voltage ....................................................................
10.25
10.75
kV
Helix Current ....................................................................
–
12
mA
Anode Voltage ..................................................................
5.5
6.5
kV
Anode Current ..................................................................
–
0.5
mA
Collector Dissipation .......................................................
–
2.4
kW
RF Drive Power ................................................................
–
20
mW
Output Power ...................................................................
–
670
W
Load VSWR∗∗ ...................................................................
–
1.15:1
∗ The voltage between a helix and a collector must not exceed 8 kV.
∗∗ Load VSWR must be met as follows.
In Band ..........................................................
1.15 : 1 max.
13.5 to 15.0 GHz ............................................
1.5 : 1 max. (LD7202, LD7202A, LD7202B)
13.25 to 15.0 GHz ..........................................
1.5 : 1 max. (LD7202L)
12.25 to 15.0 GHz ..........................................
1.5 : 1 max. (LD7202W)
15.0 to 16.0 GHz ............................................
1.8 : 1 max.
16.0 to 17.0 GHz ............................................
2.2 : 1 max.
MECHANICAL
Min.
Max.
Unit
Air Flow of Collector ........................................................
252
–
kg/hr
Ambient Temperature (Operation) .................................
–10
+50
˚C
Storage Temperature .......................................................
–40
+80
˚C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com