Electronic Components Datasheet Search
  English  ▼

X  

SNB Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SNB
Description  EM Spring-Applied Brake
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SNB Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SNB Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
[ EM: Electromagnet ]
0.1G
0.1K
0.2G
0.2K
0.4G
0.4K
0.8G
0.8K
24
90
24
90
24
90
24
90
041
011
054
014
063
017
076
02
Coil
EM Spring-Applied Brake
Types: 0.1, 0.2, 0.4, 0.8
5.9 / 8
1.5 / 2
0.7 / 1
SNB
Static Torque [ft-lbs / N-m]
Voltage [DC-V]
Current [A]
3/ 4
SNB
0.41
0.11
0.54
0.14
0.63
0.17
0.76
0.2
59
815
45
630
38
540
32
445
dH7
bE9
t+0.15/-0
A
B
Ch9
D
E
F
G
L
M
N
P
Q
R
S
[ 1 inch = 25.4 mm ]
Bore [mm]
Max Brake Power [W]
Weight [lbs / kg]
5
21
117
108
117
8.5
40
18
55
Moment of Inertia (J) [kg-cm²]
Dimensions
[mm]
Key Way [mm]
Coil
(20°C)
Wattage [W]
Armature
0.1~0.25
Release Time [ms]
Resistance [Ω]
Current [A]
15
4000
41
13
30
15
40
20
4000
4
12
4
0.43
14
98
0.6
12
4
97
41
85
19
4
4
77
68
13.5
85
74
85
30
35
5.5
11
25
5.5
11
35
19.5
5
35
97
98
57
5.6 x 107
16
3500
1.22
5.5
4.5
1.8 / 0.8
8
10
1.2 / 0.5
26
11
32
28
21
22
0.1~0.25
8
17
10
16
4.0 / 1.8
2.4 / 1.1
8
8.5
7.5
0.1~0.25
0.1~0.25
25.5
20
Pull-In Time [ms]
33
1.9 x 107
47
Max Air Gap Until Adjustmnet [mm]
Max Energy Until Life [J]
Max Work Rate [W]
Max Allowable Speed [rpm]
15
10
25
7
30
77
15
3
20
19.5
13.5
5000
57
3.0 x 107
0.55
0.55
0.6
0.16
0.28
1.6 x 107
33
SNB
Ogura Industrial Corp.
www.ogura-clutch.com
100 Randolph Rd.
info@ogura-clutch.com
Somerset, NJ 08875
(732) 271-7361
SNB


Similar Part No. - SNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SNB-1.2G ETC-SNB-1.2G Datasheet
189Kb / 1P
EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
EM Spring-Applied Brake
SNB-10G ETC-SNB-10G Datasheet
189Kb / 1P
EM Spring-Applied Brake
SNB-10K ETC-SNB-10K Datasheet
189Kb / 1P
EM Spring-Applied Brake
SNB-2.5G ETC-SNB-2.5G Datasheet
189Kb / 1P
EM Spring-Applied Brake
More results

Similar Description - SNB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FNB ETC-FNB Datasheet
185Kb / 1P
Micro EM Spring-Applied Brake
MCLB-5G ETC-MCLB-5G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MCNB-2G ETC-MCNB-2G Datasheet
62Kb / 1P
Micro EM Spring-Applied Brake
MNB-0.2K ETC-MNB-0.2K Datasheet
103Kb / 1P
EM Spring-Applied Brake
MNB-1.2K ETC-MNB-1.2K Datasheet
187Kb / 1P
EM Spring-Applied Brake
RNB-0.2G ETC-RNB-0.2G Datasheet
155Kb / 1P
EM Spring-Applied Brake
RNB-3G ETC-RNB-3G Datasheet
185Kb / 1P
EM Spring-Applied Brake
RNB-Z ETC-RNB-Z Datasheet
56Kb / 1P
EM Spring-Applied Brake
RNB-ZGN ETC-RNB-ZGN Datasheet
56Kb / 1P
EM Spring-Applied Brake
SNB-1.2K ETC-SNB-1.2K Datasheet
189Kb / 1P
EM Spring-Applied Brake
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com