Electronic Components Datasheet Search
  English  ▼

X  

NS2002BK Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # NS2002BK
Description  Articulating Notebook Arm - Notebook/Laptop Computer Security & Stands
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NS2002BK Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  NS2002BK Datasheet HTML 1Page - List of Unclassifed Manufacturers NS2002BK Datasheet HTML 2Page - List of Unclassifed Manufacturers NS2002BK Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Articulating Notebook Arm - Notebook/Laptop
Computer Security & Stands
MODEL NUMBER: NS2002BK
Description
This sturdy articulating notebook arm offers an extended swivel arm, height and tilt adjustments and slides out
from under any desktop or tabletop to accommodate any desired working position.
Features
This sturdy articulating notebook arm offers an extended swivel arm, height and tilt adjustments and slides out from under any desktop or tabletop to
accommodate any desired working position
Specifications
PRODUCT OVERVIEW
Product Overview
Articulating Notebook Arm
PHYSICAL
Unit Dimensions (in.)
11.8 x 19.7 x 3.1 to 6.5 (L x W x H)
Unit weight (lbs)
9.9
Material of construction
Plastic stand with steel arm
Color
Black
CERTIFICATIONS
Certifications
CE
WARRANTY
Highlights
Extended swivel arm provides
convenient positioning for
maximum comfort during use
Adjustable stand delivers optimal
screen viewing and typing
comfort with both height and tilt
adjustments
Sliding, rotating design allows
unit to be stored out of the way
when not in use
Soft gel wrist rest offers
additional comfort by reducing
wrist strain
Anti-slip feet ensures your
notebook won't move during use
Compliant with the Federal Trade
Agreements Act (TAA) for GSA
Schedule purchases
Applications
Notebook computers
1 / 2


Similar Part No. - NS2002BK

ManufacturerPart #DatasheetDescription
logo
ZIEHL industrie-elektro...
NS20 ZIEHL-NS20 Datasheet
330Kb / 1P
Level Monitor Type NS20 1 Level and MIN / MAX-Control
logo
ABB
NS20 ABB-NS20 Datasheet
279Kb / 12P
Switching - Loadbreak Switches IP65 Polycarbonate Enclosure
3/12
logo
List of Unclassifed Man...
NS2020 ETC2-NS2020 Datasheet
40Kb / 1P
CONNECTORS FOR TUBE
logo
ON Semiconductor
NS2029M3 ONSEMI-NS2029M3 Datasheet
59Kb / 5P
PNP Silicon General Purpose Amplifier Transistor
October, 2015 ??Rev. 5
NS2029M3T5G ONSEMI-NS2029M3T5G Datasheet
69Kb / 4P
PNP Silicon General Purpose Amplifier Transistor
May, 2007 - Rev. 0
More results

Similar Description - NS2002BK

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV.0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
High-Efficiency Notebook Computer Power Supply Controller
logo
List of Unclassifed Man...
IN3000WI ETC2-IN3000WI Datasheet
474Kb / 3P
Mini Optical Mouse - Notebook/Laptop Computer Peripheral Devices
IN3005KB ETC2-IN3005KB Datasheet
488Kb / 3P
Multimedia Keyboard - Notebook/Laptop Computer Peripheral Devices
logo
Tripp Lite. All Rights ...
P012-006 TRIPPLITE-P012-006 Datasheet
474Kb / 3P
Standard Laptop/Notebook Power Cord, 10A
logo
Analog Devices
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
Tripp Lite. All Rights ...
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
NB1001BK TRIPPLITE-NB1001BK Datasheet
494Kb / 2P
Profile Notebook Brief - Notebook-Laptop Computer Carrying Cases and Bags
logo
Microchip Technology
EMC1186 MICROCHIP-EMC1186 Datasheet
461Kb / 43P
Notebook Computers
Rev. 1.0 07-11-13
logo
Shanghai Leiditech Elec...
LCDA12C-8 LEIDITECH-LCDA12C-8 Datasheet
223Kb / 3P
Notebook Computers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com