Electronic Components Datasheet Search
  English  ▼

X  

2SB562 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SB562
Description  Silicon PNP Epitaxial
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SB562 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SB562 Datasheet HTML 1Page - Hitachi Semiconductor 2SB562 Datasheet HTML 2Page - Hitachi Semiconductor 2SB562 Datasheet HTML 3Page - Hitachi Semiconductor 2SB562 Datasheet HTML 4Page - Hitachi Semiconductor 2SB562 Datasheet HTML 5Page - Hitachi Semiconductor 2SB562 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SB562
4
0
–0.20
–0.15
–0.10
–0.05
–0.25
–3
–1
–10
–30
–100 –300 –1,000
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
IC = 10 IB
Pulse test
Ta = 75
°C
25
°C
0
–0.8
–0.6
–0.4
–0.2
–1.0
–3
–1
–10
–30
–100
Base Current IB (mA)
Collector to Emitter Saturation Voltage
vs. Base Current
Pulse test
100
50
30
10
300
–1
–3
–10
–30
Collector to Base Voltage VCB (V)
Collector Output Capacitance vs.
Collector to Base Voltage
f = 1 MHz
IE = 0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com