Electronic Components Datasheet Search
  English  ▼

X  

POS500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # POS500
Description  POS Series 500VA Tower Standby 120V UPS with USB port
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

POS500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  POS500 Datasheet HTML 1Page - List of Unclassifed Manufacturers POS500 Datasheet HTML 2Page - List of Unclassifed Manufacturers POS500 Datasheet HTML 3Page - List of Unclassifed Manufacturers POS500 Datasheet HTML 4Page - List of Unclassifed Manufacturers POS500 Datasheet HTML 5Page - List of Unclassifed Manufacturers POS500 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
USB port enables optional unattended system shutdown without data loss in case of extended power failure; cable included
HID-compliant USB interface enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
PowerAlert auto-shutdown and power management software available via FREE download from www.tripplite.com.
Built-in single line phone suppression protects modem, fax machine or other peripheral with a standard dialup/DSL phone connection
Built-in audible alarm and 5 LEDs indicate line power status, battery power status, battery low/replace, overload and site wiring fault status
Supports hot swappable, user battery replacement via built-in access panel
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
500
Output Watt Capacity (watts)
300
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency compatibility
50 / 60 Hz
Output voltage regulation (Battery
mode)
115V (+/- 5%)
Built-in UPS output receptacles
6 5-15R outlet(s)
Surge suppression only outlets
3 UPS outlets, 3 surge-only outlets
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
10A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
Input circuit breaker
10A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
Full load runtime (minutes)
4.9 min. (300w)
Half load runtime (minutes)
15.8 min. (150w)
DC system voltage (VDC)
12
Battery recharge rate (included
batteries)
Less than 10 hours from 10% to 90%
2 / 5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com