Electronic Components Datasheet Search
  English  ▼

X  

LD7202W Datasheet(PDF) 7 Page - NEC

Part # LD7202W
Description  14 GHz, 600 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7202W Datasheet(HTML) 7 Page - NEC

  LD7202W Datasheet HTML 1Page - NEC LD7202W Datasheet HTML 2Page - NEC LD7202W Datasheet HTML 3Page - NEC LD7202W Datasheet HTML 4Page - NEC LD7202W Datasheet HTML 5Page - NEC LD7202W Datasheet HTML 6Page - NEC LD7202W Datasheet HTML 7Page - NEC LD7202W Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
LD7202 SERIES
LD7202B OUTLINE DRAWING (Unit in mm)
4-M4
10- 6
φ
6
AIR INLET
RF INPUT
TYPE SMA
FEMALE
RF OUTPUT
MATES WITH
UBR-120
FLANGE
110 MAX.
55
111
127 MAX.
83
AIR OUTLET
4-M3
85 MAX.
AMP861647-8
MULTI CONNECTOR
φ
Note. The thermal switch contacts are normally closed.
PIN CONNECTION
A
HK
TEMP-1
TEMP-2
HEL
H
COL
1
2
3
4
5
6
7
AMP861647-8 CONNECTION



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com