Electronic Components Datasheet Search
  English  ▼

X  

2SC1162 Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # 2SC1162
Description  Silicon NPN Epitaxial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SC1162 Datasheet(HTML) 2 Page - Hitachi Semiconductor

  2SC1162 Datasheet HTML 1Page - Hitachi Semiconductor 2SC1162 Datasheet HTML 2Page - Hitachi Semiconductor 2SC1162 Datasheet HTML 3Page - Hitachi Semiconductor 2SC1162 Datasheet HTML 4Page - Hitachi Semiconductor 2SC1162 Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SC1162
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to base breakdown
voltage
V
(BR)CBO
35
—
—
V
I
C = 1 mA, IE = 0
Collector to emitter breakdown
voltage
V
(BR)CEO
35
—
—
V
I
C = 10 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
—
V
I
E = 1 mA, IC = 0
Collector cutoff current
I
CBO
——
20
µAV
CB = 35 V, IE = 0
DC current transfer ratio
h
FE*
1
60
—
320
V
CE = 2 V, IC = 0.5 A
h
FE
20
—
—
V
CE = 2 V, IC = 1.5 A
(pulse test)
Base to emitter voltage
V
BE
—
0.93
1.5
V
V
CE = 2 V, IC = 1.5 A
(pulse test)
Collector to emitter saturation
voltage
V
CE(sat)
—
0.5
1.0
V
I
C = 2 A, IB = 0.2 A (pulse test)
Gain bandwidth product
f
T
—
180
—
MHz
V
CE = 2 V, IC = 0.2 A
Note:
1. The 2SC1162 is grouped by h
FE as follows.
BC
D
60 to 120
100 to 200
160 to 320
0.8
0.6
0.4
0.2
0
50
100
150
200
Ambient temperature Ta (
°C)
Maximum Collector Dissipation Curve
0.75
2
0.5
0.1
520
50
Collector to emitter voltage VCE (V)
Area of Safe Operation
5
1.0
0.2
12
10
IC(max)(DC Operation)
TC = 25°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com