Electronic Components Datasheet Search
  English  ▼

X  

T711083 Datasheet(PDF) 1 Page - E-SWITCH

Part # T711083
Description  TERMINAL NUMBERS FOR REF ONLY
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

T711083 Datasheet(HTML) 1 Page - E-SWITCH

  T711083 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
700CDP7P60M1QE
2:1
11/11/2010
T711083
C
BLR
1
1
POS. 1
POS. 2
SWITCH FUNCTION
ON
ON
1-2, 4-5
2-3, 5-6
A
19428
RELEASED FOR PRODUCTION
11/11/10
BLR
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 1A @250VAC, 3A @120 VAC OR 28 VDC
6. CONTACT RESISTANCE: 20 Milli-OHMS MAX.
7. LIFE EXECTANCY: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
8. INSULATION RESISTANCE: 1,000 Mega-OHM MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
11.43
[.450 in]
12.70
[.500 in]
7.62
[.300 in]
10.91
[.430 in]
1.87
[.074 in]
3.96
[.156 in]
n2.95
[.116 in]
EPOXY SEAL
1
2
3
3
1.98
[.078 in]
1.19
[.047 in]
2.03
[.080 in]
8.75
[.344 in]
6
KEYWAY
2
5
1
4
CIRCUIT: DPDT
6
3
4.83
[.190 in]
1/4-40 UNS-2A
THREADS
RATING
.76
[.030 in]
4.70
[.185 in]
( ) = MOMENTARY
B
21562
Updated Circuit Function
8/29/14
rc
C
21588
CORRECT TERMINAL SIZE
9/18/14
EBP


Similar Part No. - T711083

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T711081 E-SWITCH-T711081 Datasheet
198Kb / 1P
ALL DIMENSION IN MM
T711082 E-SWITCH-T711082 Datasheet
169Kb / 1P
ALL DIMENSION IN MM
T711085 E-SWITCH-T711085 Datasheet
172Kb / 1P
ALL DIMENSION IN MM
T711086 E-SWITCH-T711086 Datasheet
157Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T711087 E-SWITCH-T711087 Datasheet
213Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results

Similar Description - T711083

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV7F2T0SS3R5 E-SWITCH-52-PV7F2T0SS3R5 Datasheet
162Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3G1M03 E-SWITCH-52-PV7F2Y0SS3G1M03 Datasheet
177Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3K1M03 E-SWITCH-52-PV7F2Y0SS3K1M03 Datasheet
164Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV7F2Y0SS3N5 E-SWITCH-52-PV7F2Y0SS3N5 Datasheet
156Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV8F2Y0SS301 E-SWITCH-52-PV8F2Y0SS301 Datasheet
234Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PV9F2U0SS335 E-SWITCH-52-PV9F2U0SS335 Datasheet
165Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F2B0SS3R1 E-SWITCH-52-PVA3F2B0SS3R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
52-PVA3F230113R1 E-SWITCH-52-PVA3F230113R1 Datasheet
166Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940090 E-SWITCH-T940090 Datasheet
181Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
T940094 E-SWITCH-T940094 Datasheet
176Kb / 1P
TERMINAL NUMBERS FOR REF ONLY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com