Electronic Components Datasheet Search
  English  ▼

X  

LD7217W Datasheet(PDF) 2 Page - NEC

Part # LD7217W
Description  6 GHz, 600 W/700 W CW, PPM FOCUSING, HIGH POWER GAIN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

LD7217W Datasheet(HTML) 2 Page - NEC

  LD7217W Datasheet HTML 1Page - NEC LD7217W Datasheet HTML 2Page - NEC LD7217W Datasheet HTML 3Page - NEC LD7217W Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
LD7217 SERIES
GENERAL CHARACTERISTICS
ELECTRICAL
Frequency
LD7217, LD7217S ………………………………
5.85 to 6.425 GHz
LD7217W …………………………………………
5.85 to 6.65 GHz
Output Power
LD7217S …………………………………………
600 W
LD7217, LD7217W ………………………………
700 W
Heater Voltage ………………………………………
6.3 V
Heater Current ………………………………………
1.7 A
Type of Cathode ……………………………………
Indirectly heated, Impregnated
Cathode Warm-up Time
…………………………
180 s
MECHANICAL
Dimensions …………………………………………
See Outline
Weight ………………………………………………
7 kg approx.
Focusing
……………………………………………
Periodic Permanent Magnet
Mounting Position …………………………………
Any
Electrical Connections ……………………………
AMP LGH-1I
Thermal Switch Connection
……………………
Deutsch DM9601-3P
RF Connections
Input ………………………………………………
N-Female
Output ……………………………………………
Mates with CPR-137F Flange
Cooling ………………………………………………
Forced Air
ABSOLUTE RATINGS (Note 1, 2 and 3)
ELECTRICAL
Min.
Max.
Unit
Heater Voltage ………………………………………… 6.0
6.6
V
Heater Surge Current
………………………………
–
5.0
A
Heater Current ………………………………………… 1.5
2.5
A
Heater Warm-up Time ……………………………… 180
–
s
Helix Voltage
………………………………………… 10.2
11.9
kV
Helix Current
…………………………………………
–
25
mA
Accelerating Anode Voltage
……………………… 0
Note 5
kV
Accelerating Anode Current
………………………
–
2.0
mA
Collector Voltage ……………………………………… 5.7
7.5
kV
Cathode Current ………………………………………
–
475
mA
Drive Power ……………………………………………
–
0.1
W
Load VSWR ……………………………………………
–
1.7:1
MECHANICAL
Min.
Max.
Unit
Cooling Air Flow ……………………………………… 204
–
kg/hr
Ambient Temperature
Storage ……………………………………………… –30
+70
˚C
Operation …………………………………………… –10
+60
˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com