Electronic Components Datasheet Search
  English  ▼

X  

MBF4 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBF4
Description  Low profile package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBF4 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBF4 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBF4 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MBF2-MBF10
Schottky Surface Mount Flat Bridge Rectifier
Low profile package
Ideal for automated placement
Ultrafast reverse recovery time
Low power losses, high efficiency
Low forward voltage drop
High surge capability
High temperature soldering:
260℃/10 seconds at terminals
Mechanical Date
Case: MBF molded plastic body over
Schottky barrier chips
Polarity: Polarity symbols marked on body
Maximum Ratings & Thermal Characteristics & Electrical Characteristics
(TA = 25 °C unless otherwise noted)
Symbol
UNIT
VRRM
20
40
60
80
100
V
VRMS
14
28
42
56
70
V
VDC
20
40
60
80
100
V
IF(AV)
A
IFSM
A
VF
0.50
0.55
0.70
V
IR
mA
CJ
pF
RθJA
RθJL
℃/ W
TJ
℃
TSTG
℃
Note:1.Thermal resistance from junction to ambient and from junction to lead P.C.B.mounted on 0.2
×0.2"(5.0×5.0mm)copper pad areas.
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.2
×0.2"(5.0×5.0mm)copper pad area
1.0
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
30
Maximum instantaneous forwad voltage at 1.0A
0.85
–55 to +125
Maximum DC reverse current
TA = 25 ℃
at Rated DC blocking voltage
TA = 100℃
0.5
20
Typical Junction Capacitance at 4.0V,1.0MHz
250
125
Storage temperature range
– 55 to +150
Typical Thermal resistance (Note1)
85
20
Operating junction temperature range
Dimensions in inches and (millimeters)
MBS
.193(4.90)
.177(4.50)
.033(0.84)
.022(0.56)
.142(3.60)
.157(4.00)
.272(6.9)
MAX
.087(2.20)
.102(2.60)
.106(2.70)
.090(2.30)
.053(1.53)
.037(0.95)
.014(0.35
.006(0.15
.008(0.20)
MAX
.114(2.9)
MAX
.028(0.70)
.043(1.10) .083(2.12)
.043(1.10)
Features
MBF2
MBF6
MBF10
MBF8
MBF4
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - MBF4

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
MBF SHUNYE-MBF Datasheet
990Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Phoenix Mecano S.E. Asi...
MBF 12 BOPLA-MBF 12 Datasheet
2Mb / 22P
Cable glands / General Accessories
MBF 16 BOPLA-MBF 16 Datasheet
2Mb / 22P
Cable glands / General Accessories
MBF 20 BOPLA-MBF 20 Datasheet
2Mb / 22P
Cable glands / General Accessories
MBF 20-RJ45 BOPLA-MBF 20-RJ45 Datasheet
2Mb / 22P
Cable glands / General Accessories
More results

Similar Description - MBF4

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBF6 LUGUANG-MBF6 Datasheet
526Kb / 2P
Low profile package
MBF8 LUGUANG-MBF8 Datasheet
526Kb / 2P
Low profile package
logo
Central Semiconductor C...
PBCBRLD1_1509 CENTRAL-PBCBRLD1_1509 Datasheet
1Mb / 2P
Low profile package
logo
Shanghai Semitech Semic...
SMCJ440CA SEMITECH-SMCJ440CA Datasheet
245Kb / 6P
Low profile package
4.0SMDJ SEMITECH-4.0SMDJ Datasheet
490Kb / 5P
Low profile package
5KP SEMITECH-5KP Datasheet
508Kb / 4P
Low profile package
10KP SEMITECH-10KP Datasheet
483Kb / 4P
Low profile package
MMF SEMITECH-MMF Datasheet
497Kb / 5P
Low profile package
SMAJ SEMITECH-SMAJ Datasheet
495Kb / 5P
Low profile package
logo
Shenzhen Luguang Electr...
BYG10D LUGUANG-BYG10D Datasheet
1Mb / 4P
Low profile package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com