Electronic Components Datasheet Search
  English  ▼

X  

P2439 Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # P2439
Description  H.H. BRASS ALLOY 360
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

P2439 Datasheet(HTML) 1 Page - Switchcraft, Inc.

  P2439 Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
.375
.433
MAX
5/16-32 NEF-2B
THREAD
NOTE:
1. ALL DIMENSIONS ARE FOR REFERENCE ONLY
.063
B
P2439
HEX NUT
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.01
- THREE PLACE DECIMALS
0.005
- ANGLES
1
- ALL DIA. CONCENTRIC WITHIN 0.005 T.I.R.
2. FEATURES ON THE SAME CENTERLINE
MUST BE ALIGNED WITHIN 0.002
3. REMOVE ALL BURRS
1
OF
1
SHEET
EB
6-27-03
EB
6-27-03
JL
6-27-03
EB
JL
6-27-03
23647
B
APVD
CHKD
BY
DATE DRAWN
4:1
SCALE
FIRST USED ON
012 A2
SPEC No.
SPEC No.
H.H. BRASS ALLOY #360
MATERIAL
NICKEL PLATE
FINISH
*
*
*
*
*
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
STAR SYMBOL DENOTES CRITICAL DIMENSION
A
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - P2439

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
P243-155.52 CONNOR-WINFIELD-P243-155.52 Datasheet
130Kb / 2P
5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
logo
Systemsensor advanced i...
P2430 SYSTEMSENSOR-P2430 Datasheet
113Kb / 4P
Wall-Mount Horns, Strobes, and Horn/Strobes
logo
PREMO CORPORATION S.L
P243FB4DP1 PREMO-P243FB4DP1 Datasheet
115Kb / 1P
Third generation of planar transformers
P243HB4DP1 PREMO-P243HB4DP1 Datasheet
115Kb / 1P
Third generation of planar transformers
P243PP4DP1 PREMO-P243PP4DP1 Datasheet
115Kb / 1P
Third generation of planar transformers
More results

Similar Description - P2439

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16203 AD-ADIS16203 Datasheet
594Kb / 28P
Programmable 360 Inclinometer
8/06-Revision 0
logo
TRIAD MAGNETICS
VPP28-360 TRIAD-VPP28-360 Datasheet
48Kb / 1P
VPP28-360
logo
Vishay Siliconix
MODEL601-1045 VISHAY-MODEL601-1045 Datasheet
226Kb / 3P
Full 360° Smart Position Sensor
20-Mar-07
logo
KR Electronics, Inc.
2854 KR-2854 Datasheet
49Kb / 2P
360 MHz bandpass filter
logo
Mill-Max Mfg. Corp.
0900-8-15-20-76-14-11-0 MILL-MAX-0900-8-15-20-76-14-11-0 Datasheet
112Kb / 3P
Properties of BRASS ALLOY
logo
List of Unclassifed Man...
UTL1103G1S ETC2-UTL1103G1S Datasheet
164Kb / 1P
Brass alloy Nickel and Gold plated
logo
KR Electronics, Inc.
3218-360-SMA KR-3218-360-SMA Datasheet
98Kb / 3P
360 MHz Bandpass Filter
logo
Artesyn Technologies
AGH360-48S12-6L ARTESYN-AGH360-48S12-6L Datasheet
824Kb / 3P
Total Power: 360 Watts
logo
Energizer
ECAP1AAE ENERGIZER-ECAP1AAE Datasheet
306Kb / 1P
360 LED Cap Light
logo
TRACO Electronic AG
TXH360 TRACOPOWER-TXH360 Datasheet
3Mb / 4P
AC/DC Power Supply TXH 360 Series, 360 Watt
Rev. October 21, 2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com